Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 10Page - ams-OSRAM AG AS3701 Datasheet HTML 11Page - ams-OSRAM AG AS3701 Datasheet HTML 12Page - ams-OSRAM AG AS3701 Datasheet HTML 13Page - ams-OSRAM AG AS3701 Datasheet HTML 14Page - ams-OSRAM AG AS3701 Datasheet HTML 15Page - ams-OSRAM AG AS3701 Datasheet HTML 16Page - ams-OSRAM AG AS3701 Datasheet HTML 17Page - ams-OSRAM AG AS3701 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 110 page
background image
ams Datasheet
Page 13
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Detailed Description – Power Management Functions
High-Efficiency Operation (Default Setting)
High-efficiency operation is enabled by setting the bit sd_low_
noise [SD_control1] to 0.
In this mode there is a minimum coil current necessary before
switching OFF the PMOS. Resultant there are less pulses
necessary at low output loads, and therefore the efficiency
increases. As drawback, this mode increases the ripple up to a
higher output current.
Figure 13:
Switching Behavior at Operating Point 1
Operating Point 1: These graphs show the switching behavior referring to the operating point 1 from figure10.
Here the mode is set to high efficiency operation and the DCDC is in skipping mode at 2mA load current. Here a
minimum coil current during the PMOS ON time is needed, hence more energy can be stored, the duration
between the bursts is longer and the efficiency increases.
Figure 14:
Output Voltage Ripple Measurement at Operating Point 3
Operating Point 3: These graphs show the switching behavior referring to the operating point 3 from figure10.
Here the mode is set to high efficiency operation and comparing to operating point 4 the DCDC is still in skipping
mode at 10mA load current and keeps the efficiency higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com