Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 57 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 57 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 53Page - ams-OSRAM AG AS3701 Datasheet HTML 54Page - ams-OSRAM AG AS3701 Datasheet HTML 55Page - ams-OSRAM AG AS3701 Datasheet HTML 56Page - ams-OSRAM AG AS3701 Datasheet HTML 57Page - ams-OSRAM AG AS3701 Datasheet HTML 58Page - ams-OSRAM AG AS3701 Datasheet HTML 59Page - ams-OSRAM AG AS3701 Datasheet HTML 60Page - ams-OSRAM AG AS3701 Datasheet HTML 61Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 110 page
background image
Page 56
ams Datasheet
Document Feedback
[v1-11] 2016-Dec-14
AS3701 − Detailed Description – System Functions
Figure 63:
I²C Sequential Read
Sequential Read is the extended form of Random Read, as more
than one register-data bytes are transferred subsequently. In
difference to the Random Read, for a sequential read the
transferred register-data bytes are responded by an
acknowledge from the master. The number of data bytes
transferred in one sequence is unlimited (consider the behavior
of the word-address counter). To terminate the transmission the
master has to send a not-acknowledge following the last data
byte and generate the STOP condition subsequently.
Figure 64:
I²C Current Address Read
To keep the access time as small as possible, this format allows
a read access without the word address transfer in advance to
the data transfer. The bus is idle and the master issues a START
condition followed by the Device-Read address. Analogous to
Random Read, a single byte transfer is terminated with a
not-acknowledge after the 1st register byte. Analogous to
Sequential Read an unlimited number of data bytes can be
transferred, where the data bytes has to be responded with an
acknowledge from the master. For termination of the
transmission the master sends a not-acknowledge following
the last data byte and a subsequent STOP condition.
I²C Parameter
Figure 65:
I²C Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIL
SCL,SDA Low Level input voltage
0.4
V
VIH
SCL,SDA High Level input voltage
1.6
V
WA
DR
data
reg_data 2
...
reg_data n
AA Sr
AA
A
N P
SDW
read register
WA++
read register
WA++
read register
WA++
data
reg_data 2
...
reg_data n
AA
A
N P
SDR
read register
WA++
read register
WA++
read register
WA++



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com