Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3701 Datasheet(PDF) 26 Page - ams-OSRAM AG

Part # AS3701
Description  Micro-PMIC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3701 Datasheet(HTML) 26 Page - ams-OSRAM AG

Back Button AS3701 Datasheet HTML 22Page - ams-OSRAM AG AS3701 Datasheet HTML 23Page - ams-OSRAM AG AS3701 Datasheet HTML 24Page - ams-OSRAM AG AS3701 Datasheet HTML 25Page - ams-OSRAM AG AS3701 Datasheet HTML 26Page - ams-OSRAM AG AS3701 Datasheet HTML 27Page - ams-OSRAM AG AS3701 Datasheet HTML 28Page - ams-OSRAM AG AS3701 Datasheet HTML 29Page - ams-OSRAM AG AS3701 Datasheet HTML 30Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 110 page
background image
ams Datasheet
Page 25
[v1-11] 2016-Dec-14
Document Feedback
AS3701 − Detailed Description – Power Management Functions
Charging Cycle Description
Charge Adapter Detection
The charge controller uses an integrated detection circuit to
determine if an external charge adapter has been applied to
the VUSB pin. If the adapter voltage exceeds the battery voltage
at pin VBAT by VCHDET the ChDet [ChargerStatus2] will be set.
The detection circuit will reset the charge controller (bit ChDet
is cleared) as soon as the voltage at the VUSB pin drops to only
VCHMIN above the battery voltage. In case the AS3701 device is
reset the charge controller will also be reset, even if a charge
adapter is applied to the VUSB pin. The Charger detection can
be disabled by setting the bit chdet_off [ChargerStatus2] to “1”,
which results in a further decrease of internal power
consumption.
Low Current (Trickle) Charging
Trickle charge mode is started when an external charge adapter
has been detected, the bit bat_charging_enable
[ChargerControl] is set and the battery voltage at pin VBAT is
below the VTRICKLE threshold; bits ChDet and Trickle
[ChargerStatus1] will be set. In this mode the charge current will
be limited to TrickleCurrent [ChargerCurrentControl] to prevent
undue stress in case of deeply discharged batteries. Once
VTRICKLE has been exceeded, the charger will change over to
constant current charging (Trickle is cleared).
Constant Current Charging
Constant current charging is initiated when bat_charging_
enable [ChargerControl] and the battery voltage at pin VBAT is
above the VTRICKLE and below VCHOFF. The bit CCM
[ChargerStatus1] is set when the charger has started, and the
charge current will be limited by the battery charge controller.
The current for the Constant Current Charging can be selected
out of the range defined in ConstantCurrent
[ChargerCurrentControl] if the bit cc_range_select
[ChargerControl] is set to “0” or out of the range defined in
TrickleCurrent [ChargerCurrentControl] if the bit cc_range_select
[ChargerControl] is set to “1”. When the battery approaches full
charge, its voltage will reach the charge termination threshold
VCHOFF. VCHOFF depends on the ChVoltEOC
[ChargerVoltageControl] bits settings. Top-OFF charge will be
started and the bit CVM [ChargerStatus1] will be set.
Constant Voltage Charging
Constant voltage charge mode is initiated and the bit CVM
[ChargerStatus1] will be set when the VCHOFF threshold has been
reached. The charge current is monitored during constant
voltage charging. It will be decreasing from its initial value
during constant current charging and eventually drops below
5% or 50% of the Constant Current value (depends on the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com