Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343L Datasheet (PDF) - ams-OSRAM AG

AS7343L Datasheet PDF - ams-OSRAM AG
Part # AS7343L
Download  AS7343L Download
File Size   2140.08 Kbytes
Page   53 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 13-Channel Multi-Spectral Sensor

AS7343L Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7343L Datasheet PDF - ams-OSRAM AG

Part # AS7343L
Download  AS7343L Click to download

File Size   2140.08 Kbytes
Page   53 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 13-Channel Multi-Spectral Sensor

AS7343L Datasheet (HTML) - ams-OSRAM AG


AS7343L Product details

General Description
The ams OSRAM AS7343L1 is a 13-channel spectrometer designed for spectral identification of lateral
flow particle markers. It is highly versatile sensor targeted to enable new laboratory applications. It is
optimized for reflective, transmissive and emissive measurements including lateral flow test
applications, fluid or reagent analysis, color matching, and spectral identification in the visible range.
13 individual channels cover the spectral range from approximately 380 nm to 1000 nm. 11 channels
are centered in the visible spectrum (VIS), plus one near-infrared (NIR) and a clear channel. Allowing
a full spectral re-construction of the incoming light.
AS7343L integrates high-precision optical filters onto standard CMOS silicon via deposited
interference filter technology. A built-in aperture controls the light entering the sensor array to increase
accuracy. A programmable digital GPIO and LED driver enable light source and trigger/sync control.
Device control and spectral data access is implemented through a serial I²C interface. The device is
available in an ultra-low profile package with dimensions of 3.1 mm x 2 mm x 1 mm.
Applications
Multi-analyte detection
Fluorescent-based measurement applications
Luminescence-based measurement applications
Reflection- or transmissivity-based color detection (e.g. lateral flow strips)




Similar Part No. - AS7343L

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
AS7343L OSRAM-AS7343L Datasheet
2Mb / 53P
13-Channel Multi-Spectral Sensor
v2-00 2022-Aug-12
AS7343L-DLGM OSRAM-AS7343L-DLGM Datasheet
2Mb / 53P
13-Channel Multi-Spectral Sensor
v2-00 2022-Aug-12
AS7343L-DLGT OSRAM-AS7343L-DLGT Datasheet
2Mb / 53P
13-Channel Multi-Spectral Sensor
v2-00 2022-Aug-12
More results


Similar Description - AS7343L

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
XP95-M GAMEWELL-FCI-XP95-M Datasheet
131Kb / 2P
Multi-Sensor
logo
Texas Instruments
LMP90077 TI1-LMP90077_16 Datasheet
1Mb / 70P
Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
Microchip Technology
MCP9902 MICROCHIP-MCP9902 Datasheet
538Kb / 50P
Multi-Channel Low-Temperature Remote Diode Sensor
06/23/16
logo
Analog Devices
ADT7301 AD-ADT7301_17 Datasheet
319Kb / 17P
13-Bit, Digital Temperature Sensor
Rev. B
logo
OSRAM GmbH
SFH4512 OSRAM-SFH4512 Datasheet
160Kb / 11P
Spectral match with silicon photodetectors
logo
Microchip Technology
EMC1812 MICROCHIP-EMC1812 Datasheet
1Mb / 102P
Multi-Channel Low-Voltage Remote Diode Sensor Family
2018
logo
SparkFun Electronics
SEN-14347 SPARKFUN-SEN-14347 Datasheet
204Kb / 3P
SparkFun Spectral Sensor Breakout - AS7262 Visible (Qwiic)
10??3??7
SEN-14351 SPARKFUN-SEN-14351 Datasheet
203Kb / 3P
SparkFun Spectral Sensor Breakout - AS7263 NIR (Qwiic)
10??3??7
logo
ams AG
AS7341 AMSCO-AS7341 Datasheet
2Mb / 69P
11-Channel Multi-Spectral Digital Sensor
v3-00 2020-Jun-25
AS7343 AMSCO-AS7343 Datasheet
1Mb / 57P
14-Channel Multi-Spectral Sensor
v6-00 2023-Jun-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com