Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343L Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # AS7343L
Description  13-Channel Multi-Spectral Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7343L Datasheet(HTML) 5 Page - ams-OSRAM AG

  AS7343L Datasheet HTML 1Page - ams-OSRAM AG AS7343L Datasheet HTML 2Page - ams-OSRAM AG AS7343L Datasheet HTML 3Page - ams-OSRAM AG AS7343L Datasheet HTML 4Page - ams-OSRAM AG AS7343L Datasheet HTML 5Page - ams-OSRAM AG AS7343L Datasheet HTML 6Page - ams-OSRAM AG AS7343L Datasheet HTML 7Page - ams-OSRAM AG AS7343L Datasheet HTML 8Page - ams-OSRAM AG AS7343L Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
Document Feedback
AS7343L
General Description
Datasheet
• PUBLIC
DS001038
• v2-00 • 2022-Aug-12
52
│ 4
Benefits
Features
Electronic shutter/external trigger
functionality
GPIO can be configured to function as external
trigger input to enable fluorescence measurements
1.2
Applications
●
Multi-analyte detection
●
Fluorescent-based measurement applications
●
Luminescence-based measurement applications
●
Reflection- or transmissivity-based color detection (e.g. lateral flow strips)
1.3
Block Diagram
The functional blocks of this device are shown below:
Figure 2:
Functional Blocks of AS7343L
AS7343L
VDD
SCL
SDA
1.8V
INT
GPIO
13CH
Spectral
Sensor
380-100 0nm
GND
MCU
1.8V
LDR
PGND
VLED
LED
(opt.)
Trig/Sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com