Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343L Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # AS7343L
Description  13-Channel Multi-Spectral Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7343L Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button AS7343L Datasheet HTML 7Page - ams-OSRAM AG AS7343L Datasheet HTML 8Page - ams-OSRAM AG AS7343L Datasheet HTML 9Page - ams-OSRAM AG AS7343L Datasheet HTML 10Page - ams-OSRAM AG AS7343L Datasheet HTML 11Page - ams-OSRAM AG AS7343L Datasheet HTML 12Page - ams-OSRAM AG AS7343L Datasheet HTML 13Page - ams-OSRAM AG AS7343L Datasheet HTML 14Page - ams-OSRAM AG AS7343L Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
Document Feedback
AS7343L
Optical Characteristics
Datasheet
• PUBLIC
DS001038
• v2-00 • 2022-Aug-12
52
│ 10
6
Optical Characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with production
tests or SQC (Statistical Quality Control) methods. All voltages with respect to GND/PGND. Device
parameters are guaranteed at VDD=1.8 V and TA=25 °C unless otherwise noted.
Figure 7:
AS7343L Optical Channel Summary
Channel
Peak Wavelength [nm](1)(2)
Full Width Half Maximum [nm]
(min)
λp (typ)
(max)
(typ)
F1
395
405
415
30
F2
415
425
435
22
FZ
440
450
460
55
F3
465
475
485
30
F4
505
515
525
40
FY
545
555
565
100
F5
540
550
560
35
FXL
590
600
610
80
F6
630
640
650
50
F7
680
690
700
55
F8
735
745
755
60
NIR
845
855
865
54
(1)
Parameter measured on a production ongoing sample bases on glass using diffused light. The table above is valid for
full sensor response including diffuser, package and photodiode response.
(2)
Peak Wavelength is validated by smoothed/averaged monochromator measurement data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com