Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343L Datasheet(PDF) 34 Page - ams-OSRAM AG

Part # AS7343L
Description  13-Channel Multi-Spectral Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7343L Datasheet(HTML) 34 Page - ams-OSRAM AG

Back Button AS7343L Datasheet HTML 30Page - ams-OSRAM AG AS7343L Datasheet HTML 31Page - ams-OSRAM AG AS7343L Datasheet HTML 32Page - ams-OSRAM AG AS7343L Datasheet HTML 33Page - ams-OSRAM AG AS7343L Datasheet HTML 34Page - ams-OSRAM AG AS7343L Datasheet HTML 35Page - ams-OSRAM AG AS7343L Datasheet HTML 36Page - ams-OSRAM AG AS7343L Datasheet HTML 37Page - ams-OSRAM AG AS7343L Datasheet HTML 38Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
Document Feedback
AS7343L
Register Description
Datasheet
• PUBLIC
DS001038
• v2-00 • 2022-Aug-12
52
│ 33
SP_TH_H_LSB Register (Address 0x86)
Figure 37:
SP_TH_H_LSB Register
Addr: 0x86
SP_TH_H_LSB
Bit
Bit Name
Default
Access
Bit Description
7:0
SP_TH_H_LSB
0x00
RW
Spectral High Threshold LSB.
This register provides the low byte of the high
interrupt threshold (CH0).
SP _TH_H_MSB Register (Address 0x87)
Figure 38:
SP_TH_H_MSB Register
Addr: 0x87
SP_TH_H_MSB
Bit
Bit Name
Default
Access
Bit Description
7:0
SP_TH_H_MSB
0x00
RW
Spectral High Threshold MSB.
This register provides the high byte of the high
interrupt threshold (CH0).
Both SP_TH_H registers are combined to a 16-bit
threshold. If the value captured by channel 0 is
above the high threshold and the APERS value is
reached the bit SP_IEN is set and an interrupt is
generated.
CFG12 Register (Address 0x66)
Figure 39:
CFG12 Register
Addr: 0x66
CFG12
Bit
Bit Name
Default
Access
Bit Description
7:3
Reserved
0
Reserved
2:0
SP_TH_CH
0
RW
Spectral Threshold Channel.
Sets the channel used for interrupts and persistence,
if enabled, to determine device status and gain
settings.
VALUE
CHANNEL
0
CH0
1
CH1
2
CH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com