Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343L Datasheet(PDF) 41 Page - ams-OSRAM AG

Part # AS7343L
Description  13-Channel Multi-Spectral Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7343L Datasheet(HTML) 41 Page - ams-OSRAM AG

Back Button AS7343L Datasheet HTML 37Page - ams-OSRAM AG AS7343L Datasheet HTML 38Page - ams-OSRAM AG AS7343L Datasheet HTML 39Page - ams-OSRAM AG AS7343L Datasheet HTML 40Page - ams-OSRAM AG AS7343L Datasheet HTML 41Page - ams-OSRAM AG AS7343L Datasheet HTML 42Page - ams-OSRAM AG AS7343L Datasheet HTML 43Page - ams-OSRAM AG AS7343L Datasheet HTML 44Page - ams-OSRAM AG AS7343L Datasheet HTML 45Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
Document Feedback
AS7343L
Register Description
Datasheet
• PUBLIC
DS001038
• v2-00 • 2022-Aug-12
52
│ 40
Addr: 0xD6
CFG20
Bit
Bit Name
Default
Access
Bit Description
6:5
auto_smux
0
RW
Automatic Channel Read-Out.
0: 6 Channel
FZ, FY, FXL, NIR, 2xVIS, Clear
1: Reserved
2: Automatic 12 channel
Cycle 1: FZ, FY, FXL, NIR, 2xVIS, Clear
Cycle 2: F2, F3, F4, F6, 2xVIS, Clear
3: Automatic 18 channel
Cycle 1: FZ, FY, FXL, NIR, 2xVIS, Clear
Cycle 2: F2, F3, F4, F6, 2xVIS, Clear
Cycle 3: F1, F5, F7, F8, 2xVIS, Clear
Note: The
bit “auto_smux” should only be changed
before a measurement is started.
Once a measurement is started the device is
automatically processing the channels as per
definition above and storing the measurement
results in the eighteen data registers.
2xVIS: Per
default the “Top Left” and “Bot Right”
VIS/CLEAR PD is read-out
4:0
Reserved
Reserved
PERS Register (Address 0xCF)
Figure 53:
PERS Register
Addr: 0xCF
PERS
Bit
Bit Name
Default
Access
Bit Description
7:4
Reserved
0
Reserved
3:0
APERS
0
RW
Spectral Interrupt Persistence.
Defines a filter for the number of consecutive
occurrences that spectral data must remain outside
the threshold range between SP_TH_L and
SP_TH_H before an interrupt is generated. The
spectral data channel used for the persistence filter
is set by SP_TH_CHANNEL. Any sample that is
inside the threshold range resets the counter to 0.
VALUE
CHANNEL
0
Every spectral cycle generates an
interrupt
1
1
2
2
3
3
4
5
5
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com