Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343L Datasheet(PDF) 36 Page - ams-OSRAM AG

Part # AS7343L
Description  13-Channel Multi-Spectral Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7343L Datasheet(HTML) 36 Page - ams-OSRAM AG

Back Button AS7343L Datasheet HTML 32Page - ams-OSRAM AG AS7343L Datasheet HTML 33Page - ams-OSRAM AG AS7343L Datasheet HTML 34Page - ams-OSRAM AG AS7343L Datasheet HTML 35Page - ams-OSRAM AG AS7343L Datasheet HTML 36Page - ams-OSRAM AG AS7343L Datasheet HTML 37Page - ams-OSRAM AG AS7343L Datasheet HTML 38Page - ams-OSRAM AG AS7343L Datasheet HTML 39Page - ams-OSRAM AG AS7343L Datasheet HTML 40Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
Document Feedback
AS7343L
Register Description
Datasheet
• PUBLIC
DS001038
• v2-00 • 2022-Aug-12
52
│ 35
Addr: 0x93
STATUS
Bit
Bit Name
Default
Access
Bit Description
If SIEN is set, indicates that system interrupt is set.
Refer to Status5 register.
STATUS 2 Register (Address 0x90)
Figure 41:
STATUS 2 Register
Addr: 0x90
STATUS 2
Bit
Bit Name
Default
Access
Bit Description
7
Reserved
0
Reserved
6
AVALID
0
R
Spectral Valid.
Indicates that the spectral measurement has been
completed
5
Reserved
0
Reserved
4
ASAT_DIGITAL
0
R
Digital Saturation.
Indicates that the maximum counter value has been
reached. Maximum counter value depends on
integration time set in the ATIME register.
3
ASAT_ANALOG
0
R
Analog Saturation.
Indicates that the intensity of ambient light has
exceeded the maximum integration level for the
spectral analog circuit.
2:0
Reserved
0
R
Reserved
STATUS 3 Register (Address 0x91)
Figure 42:
STATUS 3 Register
Addr: 0x91
STATUS 3
Bit
Bit Name
Default
Access
Bit Description
7:6
Reserved
0
Reserved
5
INT_SP_H
0
R
Spectral Interrupt High.
Indicates that a spectral interrupt occurred because
the data exceeded the high threshold.
4
INT_SP_L
0
R
Spectral Interrupt Low.
Indicates that a spectral interrupt occurred because
the data is below the low threshold.
3:0
Reserved
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com