Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343L Datasheet (PDF) - OSRAM GmbH

AS7343L Datasheet PDF - OSRAM GmbH
Part # AS7343L
Download  AS7343L Download
File Size   2140.07 Kbytes
Page   53 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description 13-Channel Multi-Spectral Sensor

AS7343L Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7343L Datasheet PDF - OSRAM GmbH

Part # AS7343L
Download  AS7343L Click to download

File Size   2140.07 Kbytes
Page   53 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description 13-Channel Multi-Spectral Sensor

AS7343L Datasheet (HTML) - OSRAM GmbH


AS7343L Product details

Features
● 13 channels between 380 nm and 1000 nm
● Reflective, transmissive and emissive applications
● Fluorescence and luminescence measurements
● Spectral re-construction
● Enables ultra-low light operation
(e.g. chemiluminescence applications)
● Enables operation behind additional external
filters
● 1.8 V VDD operation
● Configurable sleep mode
● Interrupt-driven device
● On chip interference filter technology
● Integrated LED driver and 6 integrated ADCs
● 3.1 mm x 2 mm x 1 mm package outline
GPIO can be configured to function as external
trigger input to enable fluorescence measurements




Similar Part No. - AS7343L

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
AS7343L AMSOSRAM-AS7343L Datasheet
2Mb / 53P
13-Channel Multi-Spectral Sensor
2022-Aug-12
AS7343L-DLGM AMSOSRAM-AS7343L-DLGM Datasheet
2Mb / 53P
13-Channel Multi-Spectral Sensor
2022-Aug-12
AS7343L-DLGT AMSOSRAM-AS7343L-DLGT Datasheet
2Mb / 53P
13-Channel Multi-Spectral Sensor
2022-Aug-12
More results


Similar Description - AS7343L

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
XP95-M GAMEWELL-FCI-XP95-M Datasheet
131Kb / 2P
Multi-Sensor
logo
Texas Instruments
LMP90077 TI1-LMP90077_16 Datasheet
1Mb / 70P
Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
Microchip Technology
MCP9902 MICROCHIP-MCP9902 Datasheet
538Kb / 50P
Multi-Channel Low-Temperature Remote Diode Sensor
06/23/16
logo
Analog Devices
ADT7301 AD-ADT7301_17 Datasheet
319Kb / 17P
13-Bit, Digital Temperature Sensor
Rev. B
logo
OSRAM GmbH
SFH4512 OSRAM-SFH4512 Datasheet
160Kb / 11P
Spectral match with silicon photodetectors
logo
Microchip Technology
EMC1812 MICROCHIP-EMC1812 Datasheet
1Mb / 102P
Multi-Channel Low-Voltage Remote Diode Sensor Family
2018
logo
SparkFun Electronics
SEN-14347 SPARKFUN-SEN-14347 Datasheet
204Kb / 3P
SparkFun Spectral Sensor Breakout - AS7262 Visible (Qwiic)
10??3??7
SEN-14351 SPARKFUN-SEN-14351 Datasheet
203Kb / 3P
SparkFun Spectral Sensor Breakout - AS7263 NIR (Qwiic)
10??3??7
logo
ams AG
AS7341 AMSCO-AS7341 Datasheet
2Mb / 69P
11-Channel Multi-Spectral Digital Sensor
v3-00 2020-Jun-25
AS7343 AMSCO-AS7343 Datasheet
1Mb / 57P
14-Channel Multi-Spectral Sensor
v6-00 2023-Jun-07
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com