Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343L Datasheet(PDF) 7 Page - OSRAM GmbH

Part # AS7343L
Description  13-Channel Multi-Spectral Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7343L Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button AS7343L Datasheet HTML 3Page - OSRAM GmbH AS7343L Datasheet HTML 4Page - OSRAM GmbH AS7343L Datasheet HTML 5Page - OSRAM GmbH AS7343L Datasheet HTML 6Page - OSRAM GmbH AS7343L Datasheet HTML 7Page - OSRAM GmbH AS7343L Datasheet HTML 8Page - OSRAM GmbH AS7343L Datasheet HTML 9Page - OSRAM GmbH AS7343L Datasheet HTML 10Page - OSRAM GmbH AS7343L Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
Document Feedback
AS7343L
Pin Assignment
Datasheet
• PUBLIC
DS001038
• v2-00 • 2022-Aug-12
52
│ 6
3
Pin Assignment
3.1
Pin Diagram
Figure 3:
Pin Assignment of AS7343L (TOP VIEW)
VDD
SCL
TOP VIEW
INT
SDA
GPIO
2
3
4
8
7
6
5
1
GND
LDR
PGND
3.2
Pin Description
Figure 4:
Pin Description of AS7343L
Pin Number
Pin Name
Pin Type(1)
Description
1
VDD
P
Positive supply voltage terminal
2
SCL
DI
Serial interface clock signal line for I²C interface.
Connect pull up resistor to 1.8 V.
3
GND
P
Ground. All voltages referenced to GND
4
LDR
A_I/O
LED current sink input. If not used leave pin unconnected.
5
PGND
P
Ground. All voltages referenced to GND
6
GPIO
D_I/O
General purpose input/output. Default output open drain. If not
used leave pin unconnected.
7
INT
DO_OD
Interrupt. Open drain output active low. Connect pull up resistor
to 1.8 V. If not used leave pin unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com