Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343L Datasheet(PDF) 35 Page - OSRAM GmbH

Part # AS7343L
Description  13-Channel Multi-Spectral Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7343L Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button AS7343L Datasheet HTML 31Page - OSRAM GmbH AS7343L Datasheet HTML 32Page - OSRAM GmbH AS7343L Datasheet HTML 33Page - OSRAM GmbH AS7343L Datasheet HTML 34Page - OSRAM GmbH AS7343L Datasheet HTML 35Page - OSRAM GmbH AS7343L Datasheet HTML 36Page - OSRAM GmbH AS7343L Datasheet HTML 37Page - OSRAM GmbH AS7343L Datasheet HTML 38Page - OSRAM GmbH AS7343L Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
Document Feedback
AS7343L
Register Description
Datasheet
• PUBLIC
DS001038
• v2-00 • 2022-Aug-12
52
│ 34
Addr: 0x66
CFG12
Bit
Bit Name
Default
Access
Bit Description
3
CH3
4
CH4
5
CH5
10.2.6
Device Status Registers
The following registers provide status of the device and indicate details about saturation, interrupts,
over temperature, device execution and ambient light flicker detection.
STATUS Register (Address 0x93)
The primary status register for AS7343L indicates if there are saturation or interrupt events that need
to be handled by the user. This register is self-
clearing, meaning that writing a “1” to any bit in the
register clears that status bit. In this way, the user should read the STATUS register, handle all
indicated event(s) and then write the register value back to STATUS to clear the handled events.
Writing “0” will not clear those bits if they have a value of “1”, which means that new events that
occurred since the last read of the STATUS register will not be accidentally cleared. In case channel
saturation has happened (ASAT) it is recommended to discard the measurement results and re-
configure device configuration such as AGAIN and Integration Time to avoid saturation.
Figure 40:
STATUS Register
Addr: 0x93
STATUS
Bit
Bit Name
Default
Access
Bit Description
7
ASAT
0
R, SC
Spectral and Flicker Detect Saturation.
If ASIEN is set, indicates Spectral saturation. Check
STATUS2 register to distinguish between analog or
digital saturation.
6:4
Reserved
0
R
Reserved
3
AINT
0
R, SC
Spectral Channel Interrupt.
If SP_IEN is set, indicates that a spectral event that
met the programmed thresholds and persistence
(APERS) occurred.
2
FINT
0
R, SC
FIFO Buffer Interrupt.
If FIEN is set, indicates that the FIFO_LVL fulfills the
threshold condition. If cleared by writing 1, the
interrupt will be asserted again as more data is
collected. To fully clear this interrupt, all data must
be read from the FIFO buffer.
1
Reserved
0
R
Reserved
0
SINT
0
R, SC
System Interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com