Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343L Datasheet(PDF) 33 Page - OSRAM GmbH

Part # AS7343L
Description  13-Channel Multi-Spectral Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7343L Datasheet(HTML) 33 Page - OSRAM GmbH

Back Button AS7343L Datasheet HTML 29Page - OSRAM GmbH AS7343L Datasheet HTML 30Page - OSRAM GmbH AS7343L Datasheet HTML 31Page - OSRAM GmbH AS7343L Datasheet HTML 32Page - OSRAM GmbH AS7343L Datasheet HTML 33Page - OSRAM GmbH AS7343L Datasheet HTML 34Page - OSRAM GmbH AS7343L Datasheet HTML 35Page - OSRAM GmbH AS7343L Datasheet HTML 36Page - OSRAM GmbH AS7343L Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
Document Feedback
AS7343L
Register Description
Datasheet
• PUBLIC
DS001038
• v2-00 • 2022-Aug-12
52
│ 32
10.2.5
Spectral Interrupt Configuration
The spectral interrupt threshold registers provide 16-bit values to be used as the high and low
thresholds for comparison to the 16-bit CH0_DATA values (ADC CH0). If SP_IEN (register 0xF9) is
enabled and CH0_DATA is not between the two thresholds for the number of consecutive
measurements specified in APERS (register 0xBD) an interrupt is set.
SP_TH_L_LSB Register (Address 0x84)
Figure 35:
SP_TH_L_LSB Register
Addr: 0x84
SP_TH_L_LSB
Bit
Bit Name
Default
Access
Bit Description
7:0
SP_TH_L_LSB
0x00
RW
Spectral Low Threshold LSB.
This register provides the low byte of the low
interrupt threshold (CH0).
SP_TH_L_MSB Register (Address 0x85)
Figure 36:
SP_TH_L_MSB Register
Addr: 0x85
SP_TH_L_MSB
Bit
Bit Name
Default
Access
Bit Description
7:0
SP_TH_L_MSB
0x00
RW
Spectral Low Threshold MSB.
This register provides the high byte of the low
interrupt threshold (CH0).
Both SP_TH_L registers are combined to a 16-bit
threshold. If the value captured by channel 0 is
below the low threshold and the APERS value is
reached the bit SP_IEN is set and an interrupt is
generated.
There is an 8-bit data latch implemented that stores
the written low byte until the high byte is written.
Both bytes will be applied at the same time to avoid
an invalid threshold.
Note: The LSB register cannot be changed without
writing to the MSB register. It is recommended to
write to SP_TH_L_LSB and SP_TH_L_MSB within
one I2C command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com