Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343L Datasheet(PDF) 16 Page - OSRAM GmbH

Part # AS7343L
Description  13-Channel Multi-Spectral Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7343L Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button AS7343L Datasheet HTML 12Page - OSRAM GmbH AS7343L Datasheet HTML 13Page - OSRAM GmbH AS7343L Datasheet HTML 14Page - OSRAM GmbH AS7343L Datasheet HTML 15Page - OSRAM GmbH AS7343L Datasheet HTML 16Page - OSRAM GmbH AS7343L Datasheet HTML 17Page - OSRAM GmbH AS7343L Datasheet HTML 18Page - OSRAM GmbH AS7343L Datasheet HTML 19Page - OSRAM GmbH AS7343L Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
Document Feedback
AS7343L
Functional Description
Datasheet
• PUBLIC
DS001038
• v2-00 • 2022-Aug-12
52
│ 15
8
Functional Description
Upon power-up (POR), the device initializes. During initialization (typically 200
μs), the device will
deterministically send NAK on I²C and cannot accept I²C transactions. All communication with the
device must be delayed and all outputs from the device must be ignored including interrupts. After
initialization, the device enters the SLEEP state. In this operational state, the internal oscillator and
other circuitry are not active, resulting in ultra-low power consumption. If an I²C transaction occurs
during this state, the I²C core wakes up temporarily to service the communication. Once the Power ON
bit,
“PON”, is enabled, the device enters the IDLE state in which the internal oscillator and attendant
circuitry are active, but power consumption remains low. Whenever the spectral measurement is
enabled (SP_EN
= “1”) the device enters the ACTIVE state. If the spectral measurement is disabled
(SP_EN
= “0”) the device returns to the IDLE state. The figure below describes a simplified state
diagram and the typical supply currents in each state.
If Sleep after Interrupt is enabled
(SAI = “1” in register 0xAC), the state machine will enter SLEEP
when an interrupt occurs. Entering SLEEP does not automatically change any of the register settings
(e.g. PON bit is still high, but the normal operational state is over-ridden by SLEEP state). SLEEP
state is terminated when the SAI_ACTIVE bit is cleared (the status bit is in register 0xA7 and the clear
status bit is in register 0xFA).
Figure 12:
Simplified State Diagram
Power On
VDD > VDD_POR
PON = 1"
SP_EN = 1"
SLEEP
IDD = 0.7µA (typ)
IDLE
IDD = 40µA (typ)
ACTIVE
Spectral
IDD = 210µA (typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com