Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343L Datasheet(PDF) 4 Page - OSRAM GmbH

Part # AS7343L
Description  13-Channel Multi-Spectral Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7343L Datasheet(HTML) 4 Page - OSRAM GmbH

  AS7343L Datasheet HTML 1Page - OSRAM GmbH AS7343L Datasheet HTML 2Page - OSRAM GmbH AS7343L Datasheet HTML 3Page - OSRAM GmbH AS7343L Datasheet HTML 4Page - OSRAM GmbH AS7343L Datasheet HTML 5Page - OSRAM GmbH AS7343L Datasheet HTML 6Page - OSRAM GmbH AS7343L Datasheet HTML 7Page - OSRAM GmbH AS7343L Datasheet HTML 8Page - OSRAM GmbH AS7343L Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
Document Feedback
AS7343L
General Description
Datasheet
• PUBLIC
DS001038
• v2-00 • 2022-Aug-12
52
│ 3
1
General Description
The ams OSRAM AS7343L1 is a 13-channel spectrometer designed for spectral identification of lateral
flow particle markers. It is highly versatile sensor targeted to enable new laboratory applications. It is
optimized for reflective, transmissive and emissive measurements including lateral flow test
applications, fluid or reagent analysis, color matching, and spectral identification in the visible range.
13 individual channels cover the spectral range from approximately 380 nm to 1000 nm. 11 channels
are centered in the visible spectrum (VIS), plus one near-infrared (NIR) and a clear channel. Allowing
a full spectral re-construction of the incoming light.
AS7343L integrates high-precision optical filters onto standard CMOS silicon via deposited
interference filter technology. A built-in aperture controls the light entering the sensor array to increase
accuracy. A programmable digital GPIO and LED driver enable light source and trigger/sync control.
Device control and spectral data access is implemented through a serial I²C interface. The device is
available in an ultra-low profile package with dimensions of 3.1 mm x 2 mm x 1 mm.
1.1
Key Benefits & Features
The benefits and features of AS7343L, 13-Channel Multi-Spectral Sensor, are listed below:
Figure 1:
Added Value of Using AS7343L
Benefits
Features
Highly versatile spectral sensor
● 13 channels between 380 nm and 1000 nm
● Reflective, transmissive and emissive applications
● Fluorescence and luminescence measurements
● Spectral re-construction
Highest sensitivity
● Enables ultra-low light operation
(e.g. chemiluminescence applications)
● Enables operation behind additional external
filters
Low power consumption and minimum I²C
traffic
● 1.8 V VDD operation
● Configurable sleep mode
● Interrupt-driven device
Ultra-high integration
● On chip interference filter technology
● Integrated LED driver and 6 integrated ADCs
● 3.1 mm x 2 mm x 1 mm package outline
1 L = Lateral flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com