Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7343L Datasheet(PDF) 30 Page - OSRAM GmbH

Part # AS7343L
Description  13-Channel Multi-Spectral Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7343L Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button AS7343L Datasheet HTML 26Page - OSRAM GmbH AS7343L Datasheet HTML 27Page - OSRAM GmbH AS7343L Datasheet HTML 28Page - OSRAM GmbH AS7343L Datasheet HTML 29Page - OSRAM GmbH AS7343L Datasheet HTML 30Page - OSRAM GmbH AS7343L Datasheet HTML 31Page - OSRAM GmbH AS7343L Datasheet HTML 32Page - OSRAM GmbH AS7343L Datasheet HTML 33Page - OSRAM GmbH AS7343L Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
Document Feedback
AS7343L
Register Description
Datasheet
• PUBLIC
DS001038
• v2-00 • 2022-Aug-12
52
│ 29
10.2.3
ADC Configuration
The following registers provide configuration for the 6 integrated ADCs (CH0 to CH5). It is possible to
adjust the gain and setup the auto zero compensation for the ADCs.
CFG1 Register (Address 0xC6)
Figure 29:
CFG1 Register
Addr: 0xC6
CFG1
Bit
Bit Name
Default
Access
Bit Description
7:5
Reserved
0
Reserved
4:0
AGAIN
9
RW
Spectral Engines Gain Setting.
Sets the spectral sensitivity.
VALUE
GAIN
0
0.5x
1
1x
2
2x
3
4x
4
8x
5
16x
6
32x
7
64x
8
128x
9
256x
10
512x
11
1024x
12
2048x
AZ_CONFIG Register (Address 0xDE)
The following register configures how often the spectral engine offsets are reset (auto zero) to
compensate for changes of the device temperature. The typical time auto zero needs to be completed
is 15 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com