Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD155 Datasheet (PDF) - LightGraphix

LD155 Datasheet PDF - LightGraphix
Part # LD155
Download  LD155 Download
File Size   6381.96 Kbytes
Page   11 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description HIGH-POWER ADJUSTABLE INTERIOR/EXTERIOR RECESSED LED UPLIGHT

LD155 Datasheet (PDF)

Go To PDF Page Download Datasheet
LD155 Datasheet PDF - LightGraphix

Part # LD155
Download  LD155 Click to download

File Size   6381.96 Kbytes
Page   11 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description HIGH-POWER ADJUSTABLE INTERIOR/EXTERIOR RECESSED LED UPLIGHT

LD155 Datasheet (HTML) - LightGraphix


LD155 Product details

KEY FEATURES
> Removable inner bezel for quick on-site focusing with 3D printed tool that allows
fine adjustment of the tilt angle at set increments up to 25°
> Innovative ball joint design with multi-directional 360° rotation
> Interchangeable optics and accessories including a honeycomb louvre
> E3 LED engine, with NICHIA LED delivering up to 583 lumens at 700mA in 3000K
with built-in reverse polarity protection
> N1 LED engine options, producing up to 853 lumens at 700mA in 3000K
> Compact design with excellent thermal management and light output performance
in temperatures up to 45° (500mA)
> Bezel available in 316 Stainless Steel, Polished & Passivated 316 Stainless Steel
and RAL paint finishes
> Single light source and optic produces a very consistent beam, no multiple
shadows
> Toughened glass with black ceramic trim
> Fitting rated IK08
> Contains our integral moisture guard (anti-wicking barrier),
stopping water ingress from going up the cable into the product
from incorrect IP-rated connections
> Switched, 0-10V, Casambi, DMX, DALI, or Mains dimmable drivers available




Similar Part No. - LD155

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LD1550-C500 ROITHNER-LD1550-C500 Datasheet
372Kb / 3P
Lasing Mode Structure: multi mode Peak Wavelength : typ. 1560 nm Optical Ouput Power: 500 mW, CW Package: 9.0 mm, flat window MPD available on request
More results


Similar Description - LD155

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1903X00X CML-1903X00X Datasheet
363Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1903X25X CML-1903X25X Datasheet
368Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1903X35X CML-1903X35X Datasheet
366Kb / 1P
LED Indicator 6mm Recessed (Interior) Bezel
1904X00X CML-1904X00X Datasheet
361Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel
1904X25X CML-1904X25X Datasheet
411Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel
1905X00X CML-1905X00X Datasheet
364Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
1905X25X CML-1905X25X Datasheet
413Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
1905X35X CML-1905X35X Datasheet
413Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
198010035X500 CML-198010035X500 Datasheet
370Kb / 1P
LED Indicator 8mm Recessed(Interior) Bezel
198010035X900 CML-198010035X900 Datasheet
371Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com