Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD155 Datasheet(PDF) 10 Page - LightGraphix

Part # LD155
Description  HIGH-POWER ADJUSTABLE INTERIOR/EXTERIOR RECESSED LED UPLIGHT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD155 Datasheet(HTML) 10 Page - LightGraphix

Back Button LD155 Datasheet HTML 3Page - LightGraphix LD155 Datasheet HTML 4Page - LightGraphix LD155 Datasheet HTML 5Page - LightGraphix LD155 Datasheet HTML 6Page - LightGraphix LD155 Datasheet HTML 7Page - LightGraphix LD155 Datasheet HTML 8Page - LightGraphix LD155 Datasheet HTML 9Page - LightGraphix LD155 Datasheet HTML 10Page - LightGraphix LD155 Datasheet HTML 11Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LD155
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 10 of 11 | Data sheet issued: 22 May 2026
Installation requirements can vary but the minimum installation volume requirements must be adhered to. The volume of air or concrete is to ensure that the thermal perfomance of the
product is not comprimised and ensures the proper cooling of the LED. The minimum recess depth is 85mm. The volumes below are presented as L x W x H.
E3/F1 LED
Output current
Minimum void dimension
requirements (Lmm x Wmm
x Hmm)
Minimum volume of
concrete
cm³
Litre(s)
LD155-E3-350
300 x 300 x 180
18000cm³
18
LD155-E3-500
LD155-E3-700
400 x 400 x 200
32000cm³
32
N1 LED
Output current
Minimum void dimension
requirements (Lmm x Wmm
x Hmm)
Minimum volume of
concrete
cm³
Litre(s)
LD155-N1-350
300 x 300 x 180
18000cm³
18
LD155-N1-500
LD155-N1-700
400 x 400 x 200
32000cm³
32
E3/F1 LED
Output current
Minimum void dimension
requirements (Lmm x Wmm
x Hmm)
Minimum void volume
cm³
Litre(s)
LD155-E3-350
120 x 120 x 85
1,200cm³
1.2
LD155-E3-500
160 x 160 x 85
2,200cm³
2.2
LD155-E3-700
220 x 220 x 85
4,000cm³
4.0
N1 LED
Output current
Minimum void dimension
requirements (Lmm x Wmm
x Hmm)
Minimum void volume
cm³
Litre(s)
LD155-N1-350
150 x 150 x 85
1,900cm³
1.9
LD155-N1-500
180 x 180 x 85
2,700cm³
2.7
LD155-N1-700*
240 x 240 x 85
4,900cm³
4.9
* Max 25
°C ambient
W
L
H
INSTALLATION REQUIREMENTS
H
W
L
Mounting in surface with air void underneath - /SC Spring Clip and /485S Sleeve
If installing into a surface where there will be air around the base of the fitting,
these are the minimum space requirements around the fixture. For example, a floating
floor. The fixture can be installed into a solid floor but the minimum air volume
requirements need to be adhered to.
Mounting into solid concrete with the 485N Concrete Housing
Concrete is great for absorbing heat so the LD155 with the concrete housing performs
excellently. The below figures detail the minimum volume of concrete that should be used
around the housing. This is not an issue if installed into a concrete floor, but can be if the
housing is being used in lawn or soil applications where the housing is fixed at the base
with a small amount of concrete.
LD155-F1
/MSB
/WB
/WWB /OB
A
Distance from the
centre of the fitting
to the lit surface
125mm
B
Spacing for an
even wash
350mm 400mm 500mm 500mm
C
700mA Lit distance
5m
4m
2m
4m



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com