Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD155 Datasheet(PDF) 2 Page - LightGraphix

Part # LD155
Description  HIGH-POWER ADJUSTABLE INTERIOR/EXTERIOR RECESSED LED UPLIGHT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD155 Datasheet(HTML) 2 Page - LightGraphix

  LD155 Datasheet HTML 1Page - LightGraphix LD155 Datasheet HTML 2Page - LightGraphix LD155 Datasheet HTML 3Page - LightGraphix LD155 Datasheet HTML 4Page - LightGraphix LD155 Datasheet HTML 5Page - LightGraphix LD155 Datasheet HTML 6Page - LightGraphix LD155 Datasheet HTML 7Page - LightGraphix LD155 Datasheet HTML 8Page - LightGraphix LD155 Datasheet HTML 9Page - LightGraphix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LD155
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 2 of 11 | Data sheet issued: 22 May 2026
WHITE LED ENGINE SPECIFICATION
Engine
E3
N1
F1
Beam angles
12°, 19°, 34°, 54°, 15°x 49°
25°, 35°, 46°, 65°, 22°x 43°
25°, 46°, 65°, 18°x 45°
LED manufacturer
NICHIA
CREE
CREE
Colour temperature
2700K, 3000K, 4000K, 5000K
2200K, 2700K, 3000K, 4000K, 5000K
2200K, 2700K, 3000K, 4000K, 5000K
Current [Rated Output]
350mA [5W]
500mA [7W]
700mA [10W]
350mA [7W]
500mA [10W]
700mA [14W]
350mA [3.5W] 500mA [5W]
700mA [7W]
Typical LED Circuit wattage
4.4W
6.4W
9.2W
6.4W
9.3W
13.3W
3.3W
5W
7.2W
Delivered lumens (L100)*
337
458
583
467
638
853
247
323
383
Delivered lm/Circuit W**
76
71
63
73
68
64
74
65
53
Typical LED Source wattage
4W
5.8W
8.3W
5.8W
8.4W
12.0W
3W
4.5W
6.5W
Source LED lm
574
740
949
694
937
1264
377
497
654
Source lm/W
144
128
114
120
112
105
126
110
101
Forward voltage (V100)
11.3V
11.6V
11.8V
16.6V
16.8V
17.1V
8.7V
9V
9.3V
CRI
85
93
90
Colour consistency
2 SDCM
2 SDCM
3 SDCM
Peak intensity
5,780 cd
2,974 cd
1,706 cd
LOR
0.61
0.67
0.59
TM30
RF86 | RG99
RF91 | RF91
RF90 | RG103
UGR rating
5.2
6.3
7.1
7.8
8.8
9.8
2.6
3.5
4.1
BUG rating (‘uplight’ mounted)
B0-U3-G0
B0-U3-G0
B0-U4-G0
B0-U3-G0
B0-U4-G0
B0-U4-G0
B0-U3-G0
LED lifetime
L90B5 at 90,000hrs
Applications
These values are based on LD155-E3-700-LW30-NB, LD155 -N1-700-LW30-MSB & LD155 -F1-700-LW22-MSB
*See lumen variance table to the right for N1 engine. E3 lumens apply across all colour temperatures
**LED wattage includes losses assocaited with using a 90% efficient driver
ENVIRONMENTAL
TM65
Available on request
TM66
2.7
Repair + Refurbish
This product is included in our Repair and Refurbish scheme. This offers customers the ability to send back
products to us for repair or refurbishment to extend their life without having to buy new fittings.
MECHANICAL
350mA
500mA
700mA
Ambient temperature
55°C
E3
Soil/Sleeve
-20°C to 55°C
-20°C to 35°C
-20°C to 25°C
Concrete
-20°C to 55°C
-20°C to 55°C
-20°C to 35°C
N1
Soil/Sleeve
-20°C to 55°C
-20°C to 50°C
-20°C to 25°C
Concrete
-20°C to 55°C
-20°C to 55°C
-20°C to 50°C
F1
Soil/Sleeve
-20°C to 55°C
-20°C to 55°C
-20°C to 25°C
Concrete
-20°C to 55°C
-20°C to 55°C
-20°C to 35°C
Glass
Toughened glass with black ceramic screen print, 6mm thick
Materials
Black anodised aluminium body, machine finished 316 Stainless Steel bezel (other options available)
Weight of product
1.3kg
IP rating
IP67
IK rating
IK08
Wiring
In-series constant current wiring (pre-wired with 2 core cable at 250mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com