Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD155 Datasheet(PDF) 4 Page - LightGraphix

Part # LD155
Description  HIGH-POWER ADJUSTABLE INTERIOR/EXTERIOR RECESSED LED UPLIGHT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD155 Datasheet(HTML) 4 Page - LightGraphix

  LD155 Datasheet HTML 1Page - LightGraphix LD155 Datasheet HTML 2Page - LightGraphix LD155 Datasheet HTML 3Page - LightGraphix LD155 Datasheet HTML 4Page - LightGraphix LD155 Datasheet HTML 5Page - LightGraphix LD155 Datasheet HTML 6Page - LightGraphix LD155 Datasheet HTML 7Page - LightGraphix LD155 Datasheet HTML 8Page - LightGraphix LD155 Datasheet HTML 9Page - LightGraphix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LD155
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 4 of 11 | Data sheet issued: 22 May 2026
360° Rotation
25° Tilt
ADJUSTABLITY
FIXING OPTIONS & DIMENSIONS
Dimensions in mm
/SC Spring clips
Suitable for use in surfaces with a thickness of 1mm –
25mm. Spring clips provide a simple, single fix mounting
method. We recommend that spring clips are only used in
interior applications.
/485S Fixing sleeve and O-rings
Acetal sleeve is bonded into the mounting surface first
and the fitting is held in with O-rings. We recommend this
method for mounting in exterior in-ground applications.
/485GT Ground tube
Designed for soil or gravel surfaces. It is supplied with the
fixing sleeve bonded into the tube and can be cut down on
site. The tube can be buried with the necessary wiring via
the PG9 IP67 gland and then the fitting installed after the
landscaping work has been completed.
/485N Concrete Housing
The aluminium housing is used as a heat sink which keeps the LED fitting cool through the thermal transfer of the heat within the housing to the surrounding concrete. The housings are big
enough for IP rated connections to be made inside and a second gland is available for cabling onto the next luminaire.
/SC
Mounting Springs
Ø100
30 71 85
Ø80
Cut-out Ø86
3
25° Tilt
/485N
Concrete Can Housing
Ø170
Ø89
3
24
92
/485S
Mounting Sleeve
Ø100
34 71 85
Ø80
Cut-out Ø86
3
/485GT
Ground tube
120
3
Ø100
Ø100
Ø100
Ø80
Ø80
Cut-out
Ø86
Cut-out
Ø86
71
71
30
34
3
3
85
85
25° Tilt
25° Tilt
Ø100
3
120
/485N
Concrete housing with 1x PG9 IP67 gland
/485N-2
Concrete housing with 2x PG9 IP67 gland
Ø100
Ø170
92
3
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com