Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD155 Datasheet(PDF) 9 Page - LightGraphix

Part # LD155
Description  HIGH-POWER ADJUSTABLE INTERIOR/EXTERIOR RECESSED LED UPLIGHT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD155 Datasheet(HTML) 9 Page - LightGraphix

Back Button LD155 Datasheet HTML 3Page - LightGraphix LD155 Datasheet HTML 4Page - LightGraphix LD155 Datasheet HTML 5Page - LightGraphix LD155 Datasheet HTML 6Page - LightGraphix LD155 Datasheet HTML 7Page - LightGraphix LD155 Datasheet HTML 8Page - LightGraphix LD155 Datasheet HTML 9Page - LightGraphix LD155 Datasheet HTML 10Page - LightGraphix LD155 Datasheet HTML 11Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LD155
T: +44 (0)1322 527 629
E: light@lightgraphix.co.uk
www.lightgraphix.co.uk
Page 9 of 11 | Data sheet issued: 22 May 2026
Below is a luminaire positioning guide for white LEDs. Every project and lighting scenario will be different; the table below is to be used as a starting point for any wall wash design.
Please use our photometric files to further test the desired effect for your application. Files are available on our LD155 product page on our website.
LD155-E3
/NB
/MB
/WB
/WWB /OB
A
Distance from the
centre of the fitting
to the lit surface
125mm
B
Spacing for an
even wash
250mm* 350mm 400mm 500mm 500mm
C
700mA Lit distance
20m
18m
8m
8m
13m
*Wall washing using narrow beam optics should only be used if the designer
requires long distance lighting up the lit surface.
INSTALLATION GUIDE
*Wall washing using narrow beam optics should only be used if the designer
requires long distance lighting up the lit surface.
LD155-N1
/MSB
/MB
/WB
/WWB /OB
A
Distance from the
centreof the fitting
to the lit surface
250mm
B
Spacing for an
even wash
250mm* 500mm 750mm 1000mm 750mm
C
700mA Lit distance
27m
22m
17m
14m
21m
B
B
A
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com