Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8T73S1802 Datasheet (PDF) - Renesas Technology Corp

8T73S1802 Datasheet PDF - Renesas Technology Corp
Part # 8T73S1802
Download  8T73S1802 Download
File Size   1144.73 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:2 Clock Fanout Buffer and Frequency Divider

8T73S1802 Datasheet (PDF)

Go To PDF Page Download Datasheet
8T73S1802 Datasheet PDF - Renesas Technology Corp

Part # 8T73S1802
Download  8T73S1802 Click to download

File Size   1144.73 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1:2 Clock Fanout Buffer and Frequency Divider

8T73S1802 Datasheet (HTML) - Renesas Technology Corp


8T73S1802 Product details

• High-performance fanout buffer clock and fanout buffer
• Input clock signal is distributed to one LVPECL and one
LVCMOS output
• Configurable output dividers for both LVPECL and LVCMOS outputs
• Supports clock frequencies up to 1000MHz (LVPECL) and up to 200MHz (LVCMOS)
• Flexible differential input supports LVPECL, LVDS and CML
• VBB generator output supports single-ended input signal applications
• Optimized for low phase noise
• 650ps delay between LVCMOS and LVPECL minimizes coupling between outputs
• Supply voltage: 3.3V or 2.5V
• -40°C to 85°C ambient operating temperature
• 16 VFQFPN package (3 x 3 mm)




Similar Part No. - 8T73S1802

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T73S1802 IDT-8T73S1802 Datasheet
663Kb / 24P
High-performance fanout buffer clock and fanout buffer
8T73S1802 IDT-8T73S1802 Datasheet
441Kb / 24P
1:2 Clock Fanout Buffer and Frequency Divider
logo
Renesas Technology Corp
8T73S1802 RENESAS-8T73S1802 Datasheet
1Mb / 25P
1:2 Clock Fanout Buffer and Frequency Divider
January 21, 2018
logo
Integrated Device Techn...
8T73S1802NLGI IDT-8T73S1802NLGI Datasheet
816Kb / 25P
1:2 Clock Fanout Buffer and Frequency Divider
8T73S1802NLGI IDT-8T73S1802NLGI Datasheet
441Kb / 24P
1:2 Clock Fanout Buffer and Frequency Divider
More results


Similar Description - 8T73S1802

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01_16 Datasheet
367Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
8T73S1802 IDT-8T73S1802_17 Datasheet
816Kb / 25P
1:2 Clock Fanout Buffer and Frequency Divider
874208I IDT-874208I Datasheet
298Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
8T73S1802 IDT-8T73S1802_18 Datasheet
441Kb / 24P
1:2 Clock Fanout Buffer and Frequency Divider
logo
Renesas Technology Corp
8T49NS010 RENESAS-8T49NS010 Datasheet
925Kb / 38P
Clock Synthesizer and Fanout Buffer/Divider
10/15/15
8T73S1802 RENESAS-8T73S1802 Datasheet
1Mb / 25P
1:2 Clock Fanout Buffer and Frequency Divider
January 21, 2018
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
8V74S4622 RENESAS-8V74S4622 Datasheet
587Kb / 17P
Clock Fanout Buffer/Frequency Divider
05/11/15
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com