Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7283 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7283 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7283
Download  ST7283 Download
File Size   1480.78 Kbytes
Page   91 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 720x544 System-On-Chip Driver for 480RGBx272 TFT LCD

ST7283 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7283 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7283
Download  ST7283 Click to download

File Size   1480.78 Kbytes
Page   91 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 720x544 System-On-Chip Driver for 480RGBx272 TFT LCD

ST7283 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7283 Product details

GENERAL DESCRIPTION
The driver offers all-in-one chip solution of 480RGBx272 for color TFT-LCD panel. This chip incorporated with
digital timing generator, source and gate driver, power supply circuit and embedded serial communication
interface for function setting. The source output support real 8-bit resolution and 256-gray scale with small
output deviation are designed to support higher color resolution. The power supply circuit incorporated with
step-up circuit, regulators and operational amplifiers to generate power supply voltages to drive TFT LCD.

FEATURES
 Display Maximum Resolution: 480*RGB (H) * 272(V)
 -256 Gray Scale with True 8-bit DAC
 -full color mode: 16.7M, RGB(888) max
 LCD Driver Output Circuits
- source outputs: 720 channels
- gate outputs: 544 channels
- common electrode output
 Microprocessor Interface
- 8-bit and 24-bit RGB interface support: SYNC, SYNC-DE and DE mode
- 3-wire SPI and I2C interface
 On Chip Build-In Circuits
- DC/DC converter
- multi-OTP circuit
- timing controller
 Wide Supply Voltage Range
- I/O voltage (VDDI to DGND): 1.65V ~ 3.6V
- analog voltage (VDD to AGND): 3.0V ~ 3.6V
- charge pump voltage (PVDD to PGND): 3.0V ~ 3.6V
- VDDI ≦ VDD = PVDD
On-Chip Power System
- GVDD: 4.960V ~ 5.968V
- GVCL: -2.960V ~ -4.480V
- VGSP: 0.24V ~ 1.504V (VGSP = (GVDD - |GVCL|) / 2, the VGSP voltage is set by panel
characteristics)
- gate high level (VGH to AGND): 13V ~ 16.5V
- gate low level (VGL to AGND): -7V ~ -11V
 Optimized Layout for COG Assembly
 Built-in Multi-OTP Programming Circuit
 - internal VPP power supply
 Multi-OTP Adjustable Parameters
 - 7-bit for VCOM offset adjustment
- 7-bit ID1/ ID2/ ID3 for user use
 Temperature Range: −30°C ~ 85°C
 Design for Consumer Applications; Automotive, Nautical and Military Related Products are
Excluded.




Similar Part No. - ST7283

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7282 STMICROELECTRONICS-ST7282 Datasheet
260Kb / 23P
ROM FROM EPROM
26-Mar-1997
ST7282A5 STMICROELECTRONICS-ST7282A5 Datasheet
260Kb / 23P
ROM FROM EPROM
26-Mar-1997
ST7282B5 STMICROELECTRONICS-ST7282B5 Datasheet
260Kb / 23P
ROM FROM EPROM
26-Mar-1997
logo
Sitronix Technology Co....
ST7282T2 SITRONIX-ST7282T2 Datasheet
1Mb / 77P
720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
Version 1.2 2016/03
logo
STMicroelectronics
ST7285C STMICROELECTRONICS-ST7285C Datasheet
748Kb / 117P
8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
Nov-1997
More results


Similar Description - ST7283

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T6L37A TOSHIBA-T6L37A Datasheet
258Kb / 15P
Source Driver for TFT LCD Panels
BT6K48-AS TOSHIBA-BT6K48-AS Datasheet
184Kb / 18P
Gate Driver for TFT LCD Panel
T6LD4 TOSHIBA-T6LD4 Datasheet
142Kb / 11P
Gate Driver for TFT LCD Panels
T6LE2 TOSHIBA-T6LE2 Datasheet
198Kb / 12P
Gate Driver for TFT LCD Panels
logo
List of Unclassifed Man...
SPFD54126B ETC2-SPFD54126B Datasheet
2Mb / 232P
528-CHANNEL DRIVER WITH SYSTEM-ON-CHIP (SOC) FOR COLOR AMORPHOUS TFT LCD
logo
Sitronix Technology Co....
SC7283 SITRONIX-SC7283 Datasheet
2Mb / 89P
System-On-Chip Driver for 480RGBx272 TFT LCD
Version 1.0 2018/11
ST7282T2 SITRONIX-ST7282T2 Datasheet
1Mb / 77P
720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
Version 1.2 2016/03
ST7789V2 SITRONIX-ST7789V2 Datasheet
3Mb / 319P
Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2016/11
ST7789VW SITRONIX-ST7789VW Datasheet
3Mb / 317P
Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
Version 1.0 2017/09
ST7701S SITRONIX-ST7701S Datasheet
3Mb / 306P
16.7M-color System-on-Chip (SOC) driver LSI designed for small and medium sizes of TFT LCD display
Version 0.1 2016/12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com