Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet (PDF) - STMicroelectronics

ST7285C Datasheet PDF - STMicroelectronics
Part # ST7285C
Download  ST7285C Download
File Size   748.17 Kbytes
Page   117 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES

ST7285C Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7285C Datasheet PDF - STMicroelectronics

Part # ST7285C
Download  ST7285C Click to download

File Size   748.17 Kbytes
Page   117 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES

ST7285C Datasheet (HTML) - STMicroelectronics


ST7285C Product details

GENERAL DESCRIPTION
INTRODUCTION
The ST7285C HCMOS Microcontroller Unit is a member of the ST7 family of Microcontrollers dedicated to car radio applications with RDS capability. The device is based on an industry-standard 8-bit core and features an enhanced instruction set.

■ 4.5V to 5.5V Supply Operating Range
■ Operates at 8.664MHz Oscillator Frequency for RDS compatibility
■ Fully Static operation
■ -40°C to + 85°C Maximum Operating Temperature Range
■ Run, Wait, Slow, Halt and RAM Retention modes
■ User ROM: 48 Kbytes
■ Data RAM: 3 Kbytes, including 128 byte stack
■ 80 pin plastic package
■ 62 multifunctional bidirectional I/O lines:
    – Programmable Interrupt inputs on some I/Os
    – 8 Analog inputs
    – EMI filtering
■ Two 16-bit Timers, each featuring:
    – 2 Input Captures
    – 2 Output Compares
    – External Clock input (on Timer A)
    – PWM and Pulse Generator modes
■ RDS Radio Data System Filter, Demodulator and GBS circuits
■ 8-bit Analog-to-Digital converter with 8 channel analog multiplexer
■ Digital Watchdog
■ Two SPI Serial Peripheral Interfaces
■ SCI Serial Communications Interface
■ Full I2C multiple Master/Slave interface
■ 2KHz Beep signal generator
■ Master Reset and Power-On Reset
■ 8-bit Data Manipulation
■ 63 Basic Instructions
■ 17 main Addressing Modes
■ 8 x 8 Unsigned Multiply Instruction
■ True Bit Manipulation
■ Complete Development Support on PC/DOS/ WindowsTM Real-Time Emulator
■ Full Software Package (C-Compiler, Cross-Assembler, Debugger)




Similar Part No. - ST7285C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7282 STMICROELECTRONICS-ST7282 Datasheet
260Kb / 23P
ROM FROM EPROM
26-Mar-1997
ST7282A5 STMICROELECTRONICS-ST7282A5 Datasheet
260Kb / 23P
ROM FROM EPROM
26-Mar-1997
ST7282B5 STMICROELECTRONICS-ST7282B5 Datasheet
260Kb / 23P
ROM FROM EPROM
26-Mar-1997
logo
Sitronix Technology Co....
ST7282T2 SITRONIX-ST7282T2 Datasheet
1Mb / 77P
720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
Version 1.2 2016/03
ST7283 SITRONIX-ST7283 Datasheet
1Mb / 91P
720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
Version 1.3 2020/09
More results


Similar Description - ST7285C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
07-Aug-2003
ST7250 STMICROELECTRONICS-ST7250 Datasheet
19Kb / 1P
8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
Rev. 1.2
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
Apr-2005
ST72325 STMICROELECTRONICS-ST72325 Datasheet
1Mb / 193P
8-BIT MCU WITH 16 TO 60K FLASH/ROM, ADC, CSS, FIVE TIMERS, SPI, SCI, I2C INTERFACE
26-Sep-2005
ST72340 STMICROELECTRONICS-ST72340 Datasheet
3Mb / 191P
8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
23-Oct-2006
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
Jun-2005
ST72325 STMICROELECTRONICS-ST72325_07 Datasheet
3Mb / 196P
8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
04-Apr-2007
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
17-Oct-2007
ST72104GX-AUTO STMICROELECTRONICS-ST72104GX-AUTO Datasheet
3Mb / 135P
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
29-Oct-2007
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
Jun-2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com