Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 1 Page - STMicroelectronics

  ST7285C Datasheet HTML 1Page - STMicroelectronics ST7285C Datasheet HTML 2Page - STMicroelectronics ST7285C Datasheet HTML 3Page - STMicroelectronics ST7285C Datasheet HTML 4Page - STMicroelectronics ST7285C Datasheet HTML 5Page - STMicroelectronics ST7285C Datasheet HTML 6Page - STMicroelectronics ST7285C Datasheet HTML 7Page - STMicroelectronics ST7285C Datasheet HTML 8Page - STMicroelectronics ST7285C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 117 page
background image
November 1997
1/117
R
Rev. 1.0
ST7285C
8-BIT MCU FOR RDS WITH 48 K ROM, 3 K RAM, ADC,
TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
s
4.5V to 5.5V Supply Operating Range
s
Operates at 8.664MHz Oscillator Frequency for
RDS compatibility
s
Fully Static operation
s
-40
°Cto + 85°C Maximum Operating
Temperature Range
s
Run, Wait, Slow, Halt and RAM Retention
modes
s
User ROM: 48 Kbytes
s
Data RAM: 3 Kbytes, including 128 byte stack
s
80 pin plastic package
s
62 multifunctional bidirectional I/O lines:
– Programmable Interrupt inputs on some I/Os
– 8 Analog inputs
– EMI filtering
s
Two 16-bit Timers, each featuring:
– 2 Input Captures
– 2 Output Compares
– External Clock input (on Timer A)
– PWM and Pulse Generator modes
s
RDS Radio Data System Filter, Demodulator
and GBS circuits
s
8-bit Analog-to-Digital converter with 8 channel
analog multiplexer
s
Digital Watchdog
s
Two SPI Serial Peripheral Interfaces
s
SCI Serial Communications Interface
s
Full I2C multiple Master/ Slave interface
s
2KHz Beep signal generator
s
Master Reset and Power-On Reset
s
8-bit Data Manipulation
s
63 Basic Instructions
s
17 main Addressing Modes
s
8 x 8 Unsigned Multiply Instruction
s
True Bit Manipulation
s
Complete Development Support on PC/DOS/
WindowsTM Real-Time Emulator
s
Full Software Package (C-Compiler, Cross-
Assembler, Debugger)
PQFP80
1


Similar Part No. - ST7285C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7282 STMICROELECTRONICS-ST7282 Datasheet
260Kb / 23P
ROM FROM EPROM
26-Mar-1997
ST7282A5 STMICROELECTRONICS-ST7282A5 Datasheet
260Kb / 23P
ROM FROM EPROM
26-Mar-1997
ST7282B5 STMICROELECTRONICS-ST7282B5 Datasheet
260Kb / 23P
ROM FROM EPROM
26-Mar-1997
logo
Sitronix Technology Co....
ST7282T2 SITRONIX-ST7282T2 Datasheet
1Mb / 77P
720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
Version 1.2 2016/03
ST7283 SITRONIX-ST7283 Datasheet
1Mb / 91P
720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
Version 1.3 2020/09
More results

Similar Description - ST7285C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
07-Aug-2003
ST7250 STMICROELECTRONICS-ST7250 Datasheet
19Kb / 1P
8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
Rev. 1.2
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
Apr-2005
ST72325 STMICROELECTRONICS-ST72325 Datasheet
1Mb / 193P
8-BIT MCU WITH 16 TO 60K FLASH/ROM, ADC, CSS, FIVE TIMERS, SPI, SCI, I2C INTERFACE
26-Sep-2005
ST72340 STMICROELECTRONICS-ST72340 Datasheet
3Mb / 191P
8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
23-Oct-2006
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
Jun-2005
ST72325 STMICROELECTRONICS-ST72325_07 Datasheet
3Mb / 196P
8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
04-Apr-2007
ST72334XX-AUTO STMICROELECTRONICS-ST72334XX-AUTO Datasheet
3Mb / 150P
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
17-Oct-2007
ST72104GX-AUTO STMICROELECTRONICS-ST72104GX-AUTO Datasheet
3Mb / 135P
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
29-Oct-2007
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
Jun-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com