Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 58Page - STMicroelectronics ST7285C Datasheet HTML 59Page - STMicroelectronics ST7285C Datasheet HTML 60Page - STMicroelectronics ST7285C Datasheet HTML 61Page - STMicroelectronics ST7285C Datasheet HTML 62Page - STMicroelectronics ST7285C Datasheet HTML 63Page - STMicroelectronics ST7285C Datasheet HTML 64Page - STMicroelectronics ST7285C Datasheet HTML 65Page - STMicroelectronics ST7285C Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 117 page
background image
62/117
ST7285C
I
2C BUS INTERFACE (Cont’d)
4.5.6.3 Slave Sending
The Slave waits for the microcontroller to write in
the Data Register. Then it receives data in the
Shift Register and sends it on the SDA line. When
the acknowledge bit is received, the BTF flag is set
and an interrupt is generated if ITE is set.
- Detection of a Stop or Start condition during a
byte transfer: the state machine is reset, the BERR
flag is set and an interrupt is generated.
- Detection of a Start condition after an acknowl-
edge time-slot: the state machine is reset and it
starts a new process. So, the flag ADSL is set and
an interrupt is generated if ITE is set.
- Detection of a Stop condition after an acknowl-
edge time-slot: the state machine is reset. Then
the flag SSTOP is set and an interrupt is generat-
ed if ITE is set.
4.5.6.4 Master mode
The interface operates in Master mode after gen-
erating a Start condition. So, the Start flag must be
set in the control register and the I2C bus must be
free (Busy bit at logic low level).
Once the Start condition is generated, the M/SL
and SB flags are set and an interrupt is generated
if ITE is set. The interface waits for the microcon-
troller to write the Slave address in the Data Reg-
ister by holding the SCL line low.
The address byte is then sent on the SDA line, an
acknowledge clock pulse is sent on the SCL line
and an interrupt is generated if ITE is set. The in-
terface waits for the MCU to write to the Control
Register by holding the SCL line low. If there is no
acknowledge, the AF flag is set and the Master
must write a Start or a Stop in the Control Register.
The state machine then enters a send or a receive
process, depending on the state of the Data Direc-
tion bit (least significant bit); an interrupt is gener-
ated if ITE is set.
If the Master loses control of bus arbitration, there
will be no acknowledge. The AF flag is set and the
Master must write a Start or a Stop in the control
register; the ARLO flag is set, the M/SL flag is
cleared and the process is reset. An interrupt is
generated if ITE is set.
4.5.6.5 Master Sending
The Master waits for the MCU to write in the Data
Register by holding the SCL line low. Then the
byte is received in the shift register and is sent on
the SDA line. The BTF flag is set and an interrupt
is generated if ITE is set.
- Detection of a Stop or of a Start condition during
a byte transfer: the BERR flag is set and an inter-
rupt is generated if ITE is set.
- The Stop bit is set in the Control Register: a Stop
condition is generated after the transfer of the cur-
rent byte, the M/SL flag is cleared and the state
machine is reset. Then an interrupt is generated if
ITE is set.
- The Start bit is set in the Control Register: the
state machine is reset and it starts a new process.
The SB flag is set and an interrupt is generated if
ITE is set.
- There is no acknowledge: the AF flag is set and
an interrupt is generated if ITE is set.
4.5.6.6 Master Receiving
The Master receives a byte from the SDA line into
the shift register and it sends it to the Data Regis-
ter. So, it generates an acknowledge bit if the ACK
bit is set and it generates an interrupt if ITE is set.
Then it waits for the microcontroller to read the
Data Register by holding SCL line low.
- A detection of a Stop or a Start condition during a
byte reception: the flag BERR is set and an inter-
rupt is generated if ITE is set.
- The Stop bit is set in the Control Register: a Stop
condition is generated after the transfer of the cur-
rent byte, the M/SL flag is cleared and the state
machine is reset. Then an interrupt is generated if
ITE is set.
- The Start bit is set in the Control Register: the
state machine is reset and starts a new process.
So, the flag SB is set and an interrupt is generated
if ITE is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com