Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 61Page - STMicroelectronics ST7285C Datasheet HTML 62Page - STMicroelectronics ST7285C Datasheet HTML 63Page - STMicroelectronics ST7285C Datasheet HTML 64Page - STMicroelectronics ST7285C Datasheet HTML 65Page - STMicroelectronics ST7285C Datasheet HTML 66Page - STMicroelectronics ST7285C Datasheet HTML 67Page - STMicroelectronics ST7285C Datasheet HTML 68Page - STMicroelectronics ST7285C Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 117 page
background image
65/117
ST7285C
4.6.3 Register Description
A/D CONTROL/STATUS REGISTER (CSR)
Address: 0071h
—
Read/Write
Reset Value: 00 h
b7: COCO
Conversion Complete.
COCO is set as soon as a new conversion can be
read from the Result Data Register. COCO is
cleared by reading the result or writing to the A/D
Converter Control/Status Register.
b6: Reserved, must be programmed to 0
b5: ADON
A/D converter On.
ADON allows the A/D converter to be switched on
and off in order to reduce consumption when
needed. When turned on (ADON = 1), a delay time
(typically 10
µs) is necessary for the ADC to stabi-
lize. Conversions may be inaccurate during this
period.
b4 - b3: Reserved, must be programmed to 0.
b2-0: CH2-CH0
Channel Selection
These bits select the analog input to convert, 000
selecting AIN0 and 111 selecting AIN7 (fewer than
8 lines may be available, depending on device
specifications: see Block Diagram).
A/D DATA REGISTER (DR)
Address: 0070h
—
Read Only
Reset Value: (undefined)
b7-0: AD7-AD0
Analog Converted Value.
This register contains the converted analog value
in the range 00h to 0FFh
70
COCO
0
ADON
0
0
CH2
CH1
CH0
70
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com