Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 14Page - STMicroelectronics ST7285C Datasheet HTML 15Page - STMicroelectronics ST7285C Datasheet HTML 16Page - STMicroelectronics ST7285C Datasheet HTML 17Page - STMicroelectronics ST7285C Datasheet HTML 18Page - STMicroelectronics ST7285C Datasheet HTML 19Page - STMicroelectronics ST7285C Datasheet HTML 20Page - STMicroelectronics ST7285C Datasheet HTML 21Page - STMicroelectronics ST7285C Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 117 page
background image
18/117
ST7285C
3.3 RESETS
3.3.1 Introduction
There are four sources of Reset:
– RESET pin (external source)
– Power-On Reset (Internal source)
– WATCHDOG (Internal Source)
The Reset Service Routine vector is located at ad-
dress FFFEh-FFFFh.
3.3.2 External Reset
The RESET pin is both an input and an open-drain
output with integrated pull up resistor. When one
of the internal Reset sources is active, the Reset
pin is driven low to reset the whole application.
3.3.3 Reset Operation
The duration of the Reset condition, which is also
reflected on the output pin, is fixed at 4096 internal
CPU Clock cycles. A Reset signal originating from
an external source must have a duration of at least
1.5 internal CPU Clock cycles in order to be recog-
nised. At the end of the Power-On Reset cycle, the
MCU may be held in the Reset condition by an Ex-
ternal Reset signal. The RESET pin may thus be
used to ensure VDD has risen to a point where the
MCU can operate correctly before the User pro-
gram is run. Following a Reset event, or after exit-
ing Halt mode, a 4096 CPU Clock cycle delay pe-
riod is initiated in order to allow the oscillator to
stabilise and to ensure that recovery has taken
place from the Reset state.
During the Reset cycle, the device Reset pin acts
as an output that is pulsed low for 3 machine cy-
cles (6 oscillator cycles). In its high state, an inter-
nal pull-up resistor of about 300K
Ω is connected to
the Reset pin. This resistor can be pulled low by
external circuitry to reset the device.
3.3.4 Power-on Reset
This circuit detects the ramping up of VDD,and
generates a pulse that is used to reset the applica-
tion (at approximately VDD= 2V).
Power-On Reset is designed exclusively to cope
with power-up conditions, and should not be used
in order to attempt to detect a drop in the power
supply voltage.
Caution:
to re-initialize the Power-On Reset, the
power supply must fall below approximately 0.8V
(Vtn), prior to rising above 2V. If this condition is
not respected, on subsequent power-up the Reset
pulse may not be generated. An external pulse
may be required to correctly reactivate the circuit.
Figure 9. Reset Block Diagram
VDD
RESET
to ST7
VR2062C
300K
WATCHDOG RESET
OR DLPSS
RESET
OSCILLATOR
SIGNAL
INTERNAL
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com