Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 8Page - STMicroelectronics ST7285C Datasheet HTML 9Page - STMicroelectronics ST7285C Datasheet HTML 10Page - STMicroelectronics ST7285C Datasheet HTML 11Page - STMicroelectronics ST7285C Datasheet HTML 12Page - STMicroelectronics ST7285C Datasheet HTML 13Page - STMicroelectronics ST7285C Datasheet HTML 14Page - STMicroelectronics ST7285C Datasheet HTML 15Page - STMicroelectronics ST7285C Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 117 page
background image
12/117
ST7285C
005Ch
005Dh
005Eh
005Fh
RDS Demodulator
RDS DE1
RDS DE2
RDS DE3
RDS DE4
see register description
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
006Ah
006Bh
006Ch
006Dh
006Eh
006Fh
RDS GBS
SR0 -Shift Reg 0
SR1 -Shift Reg 1
SR2 -Shift Reg 2
SR3 -Shift Reg 3
SY0 -Polynomial Reg 0
SY1 -Polynomial Reg 1
GS_CNT Count Reg
GS_INT Interrupt Reg
DR0 -RDSDAT Reg 0
DR1 -RDSDAT Reg 1
DR2 -RDSDAT Reg 2
DR3 -RDSDAT Reg 3
QR0 -QUALITY Reg 0
QR1 -QUALITY Reg 1
QR2 -QUALITY Reg 2
QR3 -QUALITY Reg 3
see register description
0070h
0071h
ADC
Data Reg
Control/Status Reg
XXh
00h
Read Only Register
R/W Register
0072h to
007Fh
RESERVED
0080h to
0BFFh
0C00h to
0C7Fh
RAM 3K Bytes
of which
STACK 128 Bytes
User variables and subroutine nesting
0C80h to
3FFFh
RESERVED
4000h to
FFDFh
ROM 48K bytes
(49120 bytes)
User application code and data
FFE0h to
FFFF h
User vectors
Interrupt and Reset Vectors
Address
Block
Register name
Reset
Status
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com