Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 59Page - STMicroelectronics ST7285C Datasheet HTML 60Page - STMicroelectronics ST7285C Datasheet HTML 61Page - STMicroelectronics ST7285C Datasheet HTML 62Page - STMicroelectronics ST7285C Datasheet HTML 63Page - STMicroelectronics ST7285C Datasheet HTML 64Page - STMicroelectronics ST7285C Datasheet HTML 65Page - STMicroelectronics ST7285C Datasheet HTML 66Page - STMicroelectronics ST7285C Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 117 page
background image
63/117
ST7285C
I
2C BUS INTERFACE (Cont’d)
Transfer sequencing:
Master transmitter: (M/SL=1)
IT1: SB =1. This interrupt is cleared by a read of SR1 followed by a write in DR.
IT2: This interrupt is cleared by a read of SR1 followed by a write in CR and in DR.
IT3: BTF=1; TRA=1. This interrupt is cleared by a read of SR1 followed by a write in DR.
Master receiver: (M/SL=1)IT4: This interrupt is cleared by a read of SR1 followed by a write in CR.
IT5: BTF=1. This interrupt is cleared by a read of SR1 followed by a read of DR.
Slave transmitter: (M/SL=0)
IT6: ADSL =1. This interrupt is cleared by a read of SR1 followed by a write in DR.
IT7: BTF=1, TRA=1. This interrupt is cleared by a read of SR1 followed by a write in DR.
IT8: StopF=1. This interrupt is cleared by a read of SR2.
Slave receiver: (M/SL=0)
IT9: ADSL =1. This interrupt is cleared by a read of SR1.
IT10: BTF=1. This interrupt is cleared by a read of SR1 followed by a read of DR.
10 bits addressing (Master):
Master:
IT11: ADD10=1. This interrupt is cleared by a read of SR1 followed by a write in DR.
Slave:
During IT1,2,3,4,5,6,7,9,10,11 the SCL line is hold low.
S: Start; P: Stop; A: Acknowledge; IT: interrupt.
Detailed timing information is available in the ELECTRICAL CHARACTERISTICS.
S
IT1
ADD
A
IT2
IT3
DATA
A
IT3
DATA
A
IT3
P
S
IT1
ADD
A
IT4
DATA
A
IT5
DATA
A
IT5
P
S
ADD
A
IT6
IT7
DATA
A
IT7
DATA
A
IT7
P
IT8
S
ADD
A
IT9
DATA
A
IT10
DATA
A
IT10
P
IT8
S
ADD
A
IT11
ADD
A
IT2
S
ADD
A
ADD
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com