Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 90 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 90 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 86Page - STMicroelectronics ST7285C Datasheet HTML 87Page - STMicroelectronics ST7285C Datasheet HTML 88Page - STMicroelectronics ST7285C Datasheet HTML 89Page - STMicroelectronics ST7285C Datasheet HTML 90Page - STMicroelectronics ST7285C Datasheet HTML 91Page - STMicroelectronics ST7285C Datasheet HTML 92Page - STMicroelectronics ST7285C Datasheet HTML 93Page - STMicroelectronics ST7285C Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 117 page
background image
90/117
ST7285C
CONTROL TIMING (Cont’d)
SERIAL PERIPHERAL INTERFACE
Symbol
Ref.
Characteristics
f
OSC = 8.0MHz
Unit
Min.
Max.
Operating Frequency =fOSC/2 =fOP
fOP(m)
Master
dc
0.5
fOP
fOP(s)
Slave
dc
4.0
MHz
1
Cycle Time
tCYC(m)
Master
2.0
tCYC
tCYC(s)
Slave
240
ns
2
Enable Lead Time
ns
tlead(m)
Master
(1)
tlead(s)
Slave
120
3
Enable Lag time
ns
Master
(1)
Slave
120
4
Clock (SCK)High Time
tW(SCKH)
Master
100
ns
tW(SCKH)
Slave
90
ns
5
Clock (SCK) Low Time
tW(SCKL)
Master
100
ns
tW(SCKL)
Slave
90
ns
6
Data Set-up Time
tSU(m)
Master
100
ns
tSU(s)
Slave
100
ns
7
Data Hold Time (Inputs)
tH(m)
Master
100
ns
tH(s)
Slave
100
ns
tA
8
Access Time (Time to Data Active from High Impedance State)
ns
Slave
0
120
tDIS
9
Disable Time (Hold Time to High Impedance State)
ns
Slave
240
10
Data Valid
tV(m)
Master (Before Capture Edge)
0.25
tCYC(m)
tV(s)
Slave (After Enable Edge) (2)
120
ns
11
Data Hold Time (Outputs)
tHO(m)
Master (Before Capture Edge)
0.25
tCYC(m)
tHO(s)
Slave (After Enable Edge)
0
ns
12
Rise Time (20% VDD to 70% VDD,CL = 200pF)
tRM
SPI Outputs (SCK, MOSI, MISO)
100
ns
tRS
SPI Inputs (SCK, MOSI, MISO, SS)
2.0
µs
13
Fall Time (70% VDD to 20% VDD,CL
tFM
SPI Outputs (SCK, MOSI, MISO)
100
ns
tFS
SPI Inputs (SCK, MOSI, MISO, SS)
2.0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com