Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 19Page - STMicroelectronics ST7285C Datasheet HTML 20Page - STMicroelectronics ST7285C Datasheet HTML 21Page - STMicroelectronics ST7285C Datasheet HTML 22Page - STMicroelectronics ST7285C Datasheet HTML 23Page - STMicroelectronics ST7285C Datasheet HTML 24Page - STMicroelectronics ST7285C Datasheet HTML 25Page - STMicroelectronics ST7285C Datasheet HTML 26Page - STMicroelectronics ST7285C Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 117 page
background image
23/117
ST7285C
POWER SAVING MODES (Cont’d)
3.6.3 Halt Mode
The HALT instruction places the MCU in its lowest
power consumption mode. In HALT mode the in-
ternal oscillator is turned off, causing all internal
processing to be halted. During HALT mode, the I
bit in the CC Register is cleared so as to enable
External Interrupts.
All other registers and memory remain unaltered
and all Input/Output lines remain unchanged. This
state will endure until an External Interrupt (I1, I2,
I9, I10) or a Reset is generated, whereupon the in-
ternal oscillator is restarted. A delay of 4096 CPU
clock cycles is initiated prior to restarting the appli-
cation, in order to allow the oscillator to stabilize.
The External Interrupt or Reset causes the Pro-
gram Counter to be set to the address of the corre-
sponding Interrupt or Reset Service Routine.
Figure 12. Halt Mode Flow Chart
N
Y
VR02062E
N
EXTERNAL
INTERRUPT
WAIT
HALT
Y
STOP OSCILLATOR
AND ALL CLOCKS
CLEAR I-BIT
RESET
OSCILLATOR
IN SLOW MODE
TURN ON
OSCILLATOR
WAIT FOR 4096 CPU
CLOCK TIME DELAY
FETCH RESET
VECTOR OR
SERVICE INTERRUPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com