Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 66Page - STMicroelectronics ST7285C Datasheet HTML 67Page - STMicroelectronics ST7285C Datasheet HTML 68Page - STMicroelectronics ST7285C Datasheet HTML 69Page - STMicroelectronics ST7285C Datasheet HTML 70Page - STMicroelectronics ST7285C Datasheet HTML 71Page - STMicroelectronics ST7285C Datasheet HTML 72Page - STMicroelectronics ST7285C Datasheet HTML 73Page - STMicroelectronics ST7285C Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 117 page
background image
70/117
ST7285C
RDS DEMODULATOR (Cont’d)
RDS DE1
Address 005C h
Reset Value: 0000 0000b
b7 = lock
Inhibits regulation of PLLs to keep the current
phase value during weak signal conditions.
0: normal regulation (Reset Value)
1: inhibit regulation.
b6-5 = lck3 - lck2
Select time constant for 1187.5Hz PLL.
b4-3 = lck1 - lck0
Select time constant of 57KHz PLL.
b2 = QEN
Enables automatic selection of input to differential
decoder 1.
0 = enable selection by quality (Reset Value)
1 = disable selection
b1 = SDAT
Selects differential decoder for the RDS data output.
0 = differential decoder 1 (Reset Value)
1 = differential decoder 2.
b0 = SQUAL
Selects quality for the quality output.
0 = from the quality detector (qal1) (Reset Value)
1 = exclusive OR of differential decoders (qal2).
RDS DE2
—
Address 005D h
Reset Value: 0xxx xxxx b
b7 = UPR
Software reset to various demodulator parts.
0 = normal run mode (Reset Value)
1 = demodulator reset.
After wring this bit to one, a reset pulse will be gen-
erated. The bit will then be automatically reset to
zero. This bit is always read as a zero.
b6 = QAL
Output of the quality detector which is actually de-
tected. This bit is fed into the RDS-GBS module.
b5 = QAL1
Output of the quality detector.
b4 = QAL2
Resulant of XOR of dat1 and dat2.
b3 = DAT
RDS-dat output which is actually detected. This bit
is fed into the RDS-GBS module.
b2 = DAT1
Output of the phase polarity data extractor.
b1 = DAT2
Output of the phase integral data extractor.
b0 = CLK
RDS clock output (1187.5Hz)
7
654321
0
lock
lck3
lck2
lck1
lck0
qen
sdat
squal
lck3
lck2
lock time needed for max (90
°)
deviation
0
0
160ms (Reset Value)
0
1
80ms
1
0
40ms
1
1
20ms
lck1
lck0
lock time needed for max (90
°)
deviation
0
0
16ms(Reset Value)
0
1
8ms
1
0
4ms
1
1
2ms
70
UPR
QAL
QAL1
QAL2
DAT
DAT1
DAT2
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com