Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 74Page - STMicroelectronics ST7285C Datasheet HTML 75Page - STMicroelectronics ST7285C Datasheet HTML 76Page - STMicroelectronics ST7285C Datasheet HTML 77Page - STMicroelectronics ST7285C Datasheet HTML 78Page - STMicroelectronics ST7285C Datasheet HTML 79Page - STMicroelectronics ST7285C Datasheet HTML 80Page - STMicroelectronics ST7285C Datasheet HTML 81Page - STMicroelectronics ST7285C Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 117 page
background image
78/117
ST7285C
5 SOFTWARE
5.1 ST7 ARCHITECTURE
The 8-bit ST7 Core is designed for high code effi-
ciency. It contains 6 internal registers, 17 main ad-
dressing modes and 63 instructions. The 6 internal
registers include 2 index registers, an accumula-
tor, a 16-bit Program Counter, a stack pointer and
a condition code register. The two Index registers
X and Y enable Indexed Addressing modes with or
without offset, along with read-modify-write type
data
manipulations.
These
registers
simplify
branching routines and data modifications.
The 16-bit Program Counter is able to address up
to 64K of ROM /EPROM memory. The 6-bit Stack
Pointer provides access to a 64-level Stack and an
upgrade to an 8-bit Stack Pointer is foreseen in or-
der to be able to manage a 256-level Stack. The
Core also includes a Condition Code Register pro-
viding 5 Condition Flags that indicate the result of
the last instruction executed.
The 17 main Addressing modes, including Indirect
Relative and Indexed addressing, allow sophisti-
cated branching routines or CASE-type functions.
The Indexed Indirect Addressing mode, for in-
stance, permits look-up tables to be located any-
where in the address space, thus enabling very
flexible programming and compact C-based code.
The 63-instruction Instruction Set is 8-bit oriented
with a 2-byte average instruction size. This In-
struction Set offers, in addition to standard data
movement and logic/arithmetic functions, byte
multiplication, bit manipulation, data transfer be-
tween Stack and Accumulator (Push/Pop) with di-
rect stack access, as well as data transfer using
the X and Y registers.
5.2 ST7 ADDRESSING MODES
The ST7 Core features 17 different addressing
modes which can be classified in 7 main groups:
The ST7 Instruction set is designed to minimize
the number of bytes required per instruction: To do
so, most of the addressing modes may be subdi-
vided in two sub-modes called long and short:
– The long addressing mode is the most powerful
because it can reach any byte in the 64kb ad-
dressing space, but the instruction is bigger and
slower than the short addressing mode.
– The short addressing mode is less powerful be-
cause it can generally only access page zero
(0000 - 00FFh range), but the instruction size is
more compact, and faster. All memory to memo-
ry instructions are only working with short ad-
dressing modes (CLR, CPL, NEG, BSET, BRES,
BTJT, BTJF, INC, DEC, RLC, RRC, SLL, SRL,
SRA, SWAP)
Both modes have pros and cons, but the program-
mer does not need to choose which one is the best:
the ST7 Assembler will always choose the best one.
Addressing Mode
Example
Inherent
nop
Immediate
ld A,#$55
Direct
ld A,$55
Indexed
ld A,($55,X)
Indirect
ld A,([$55],X)
Relative
jrne loop
Bit operation
bset
byte,#5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com