Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 28Page - STMicroelectronics ST7285C Datasheet HTML 29Page - STMicroelectronics ST7285C Datasheet HTML 30Page - STMicroelectronics ST7285C Datasheet HTML 31Page - STMicroelectronics ST7285C Datasheet HTML 32Page - STMicroelectronics ST7285C Datasheet HTML 33Page - STMicroelectronics ST7285C Datasheet HTML 34Page - STMicroelectronics ST7285C Datasheet HTML 35Page - STMicroelectronics ST7285C Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 117 page
background image
32/117
ST7285C
SERIAL COMMUNICATIONS INTERFACE(Cont’d)
This TR factor is used only when the PSBRT fine
tuning factor is equal to 0; otherwise, TR is re-
placed by the PSBRT dividing factor.
Bit-2 = SCR2
Receiver rate divisor MSB
Bit-1 = SCR1
Receiver rate divisor NSB
Bit-0 = SCR0
Receiver rate divisor LSB
These 3 bits, in conjunction with the 2 previous bits
define the total division applied to the bus clock to
yield the receive rate clock in conventional Baud
Rate Generator mode..
This RR factor is used only when the PSBRR fine
tuning factor is equal to 0; otherwise, RR is re-
placed by the PSBRR dividing factor.
4.2.7.6 External Receive Prescaler Division
Register (PSCBRR)
Address: 0055h
—
Read/Write
Reset Value: 00h
Allows setting of the External Prescaler rate divi-
sion factor for the receive circuit.
When the register is set to 00h, the conventional
Baud Rate Generator is used for the receive cir-
cuit, otherwise the master clock frequency is divid-
ed by the binary factor set in the PSCBRR register
(in the range 1 to 255).
4.2.7.7 External Transmit Prescaler Division
Register (PSCBRT)
Address: 0057h
—
Read/Write
Reset Value: 00h
Allows setting of the External Prescaler rate divi-
sion factor for the transmit circuit.
When the register is set to 00h, the conventional
Baud Rate Generator is used for the transmit cir-
cuit, otherwise the master clock frequency is divid-
ed by the binary factor set in the PSCBRTregister
(in the range 1 to 255).
SCT2
SCT1
SCT0
TR dividing factor
00
0
1
00
1
2
01
0
4
01
1
8
10
0
16
10
1
32
11
0
64
1
1
1
128
SCR2
SCR1
SCR0
RR dividing factor
00
0
1
00
1
2
01
0
4
01
1
8
10
0
16
10
1
32
11
0
64
1
1
1
128
76
5
4321
0
PRBR
7
PRBR
6
PRBR
5
PRBR
4
PRBR
3
PRBR
2
PRBR
1
PRBR
0
76
5
4321
0
PTBR
7
PTB R
6
PTBR
5
PTB R
4
PTBR
3
PTB R
2
PTBR
1
PTB R
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com