Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 37Page - STMicroelectronics ST7285C Datasheet HTML 38Page - STMicroelectronics ST7285C Datasheet HTML 39Page - STMicroelectronics ST7285C Datasheet HTML 40Page - STMicroelectronics ST7285C Datasheet HTML 41Page - STMicroelectronics ST7285C Datasheet HTML 42Page - STMicroelectronics ST7285C Datasheet HTML 43Page - STMicroelectronics ST7285C Datasheet HTML 44Page - STMicroelectronics ST7285C Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 117 page
background image
41/117
ST7285C
16-BIT TIMER (Cont’d)
Figure 22. Output Compare Timing Diagram, internal clock divided by 8
Figure 23. Output Compare Timing Diagram, internal clock divided by 4
Figure 24. Output Compare Timing Diagram, internal clock divided by 2
INTERNAL CPU CLOCK
INTERNAL TIMER CLOCK T01
INTERNAL TIMER CLOCK T11
COUNTER
FFFC
FFFD
FFFC
COMPARE REGISTER
COMPARE REGISTER LATCH
OUTPUT REGISTER FLAG OCFI AND OCMPI PIN
INTERNAL CPU CLOCK
INTERNAL TIMER CLOCK T01
INTERNAL TIMER CLOCK T11
COUNTER
COMPARE REGISTER
COMPARE REGISTER LATCH
OUTPUT REGISTER FLAG OCFI AND OCMPI PIN
FFFC
FFF D
FFFE
CPU
writes FFFD
FFFD
INTERNAL CPU CLOCK
INTERNAL TIMER CLOCK T01
INTERNAL TIMER CLOCK T11
COUNTER
COMPARE REGISTER
COMPARE REGISTER LATCH
OUTPUT REGISTER FLAG OCFI AND OCMPI PIN
CPU
writes FFFF
FFFF
FFFD
FFF D FFFE FFFF 0000
FFFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com