Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 67Page - STMicroelectronics ST7285C Datasheet HTML 68Page - STMicroelectronics ST7285C Datasheet HTML 69Page - STMicroelectronics ST7285C Datasheet HTML 70Page - STMicroelectronics ST7285C Datasheet HTML 71Page - STMicroelectronics ST7285C Datasheet HTML 72Page - STMicroelectronics ST7285C Datasheet HTML 73Page - STMicroelectronics ST7285C Datasheet HTML 74Page - STMicroelectronics ST7285C Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 117 page
background image
71/117
ST7285C
RDS DEMODULATOR (Cont’d)
RDS DE3
—
Address 005E h
Reset Value: xxxx x000b
b7-3 = reserved.
b2 = ARI
ARI indicator.
0 = pure RDS, no ARI (Reset Value)
1 = RDS plus ARI.
Note that this bit is simply an indicator.
b1 = AREN
Selects software or hardware ARI indication.
0 = internally by hardware (Reset Value)
1 = forced by software according to ARP bit.
b0 = ARP
Preset ARI indication.
0 = ARI (Reset Value)
1 = pure RDS without ARI.
RDS DE4
—
Address 005F h
Reset Value: 0xx0 0000b
b7 = DETM
Selects test mode when set to “1”. This bit must be
kept in the reset state (“0”) for normal operation.
b6-5 = reserved.
b4-1 = TE4-TE1
RESERVED. These bits are for internal test use
only: they must be kept in the reset state (all “0”)
for normal operation
b0 = NDEPOR
Enables the module
0 = module disabled (Reset Value)
1 = module enabled (normal operating mode).
70
-
-
-
-
-
ARI
AREN
ARP
70
DETM
-
-
TE4
TE3
TE2
TE1
NDE-
POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com