Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 40Page - STMicroelectronics ST7285C Datasheet HTML 41Page - STMicroelectronics ST7285C Datasheet HTML 42Page - STMicroelectronics ST7285C Datasheet HTML 43Page - STMicroelectronics ST7285C Datasheet HTML 44Page - STMicroelectronics ST7285C Datasheet HTML 45Page - STMicroelectronics ST7285C Datasheet HTML 46Page - STMicroelectronics ST7285C Datasheet HTML 47Page - STMicroelectronics ST7285C Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 117 page
background image
44/117
ST7285C
16-BIT TIMER (Cont’d)
TIMER STATUS REGISTER (TSR)
Address: see Memory Map
—
Read Only
Reset Value: 0000 0000b
The Timer Status Register (TSR) is an 8-bit regis-
ter of which the five most significant bits contain
read-only status information and the three least
significant bits are not used.
Bit 7 = ICF1 Input Capture Flag 1
ICF1 is set when a proper edge has been sensed
by the input capture edge detector at pin ICAP1.
The edge is selected by the IEDG1-bit in TCR.
ICF1 is cleared by a processor access to the TSR
while ICF1 is set followed by an access (read or
write) to the low byte of ICR1 (ICLR1).
Bit 6 = OCF1
Output Compare Flag 1
OCF1 is set when the content of the free running
counter matches the content of OCR1. It is cleared
by a processor access of TSR while OCF1 is set
followed by an access (read or write) to the low
byte of OCR1.
Bit 5 = TOF
Timer Overflow
TOF is set by a transition of the free running coun-
ter from FFFFh to 0000h. It is cleared by a proces-
sor access to TSR while TOF is set followed by an
access (read or write) to the low byte of the coun-
ter low register. TOF is not affected by an access
to the Alternate Counter Register.
Bit 4 = ICF2 Input Capture Flag 2
ICF2 is set when a proper edge has been sensed
by the input capture edge detector at pin ICAP2.
The edge is selected by the IEDG2-bit in TCR.
ICF2 is cleared by a processor access to the TSR
while ICF2 is set followed by an access (read or
write) to the low byte of ICR2 (ICLR2).
Bit 3 = OCF2
Output Compare Flag 2
OCF2 is set when the content of the free running
counter matches the content of OCR2. It is cleared
by a processor access of TSR while OCF2 is set
followed by an access (read or write) to the low
byte of OCR2.
Bit 2, 1, 0 = Unused.
70
ICF1
OCF1
TOF
ICF2
OCF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com