Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 82Page - STMicroelectronics ST7285C Datasheet HTML 83Page - STMicroelectronics ST7285C Datasheet HTML 84Page - STMicroelectronics ST7285C Datasheet HTML 85Page - STMicroelectronics ST7285C Datasheet HTML 86Page - STMicroelectronics ST7285C Datasheet HTML 87Page - STMicroelectronics ST7285C Datasheet HTML 88Page - STMicroelectronics ST7285C Datasheet HTML 89Page - STMicroelectronics ST7285C Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 117 page
background image
86/117
ST7285C
6 ELECTRICAL CHARACTERISTICS
6.1 ABSOLUTE MAXIMUM RATINGS
Devices of the ST72 family contain circuitry to pro-
tect the inputs against damage due to high static
voltage or electric fields. Nevertheless, it is recom-
mended that normal precautions be observed in
order to avoid subjecting this high-impedance cir-
cuit to voltages above those quoted in the Abso-
lute Maximum Ratings. For proper operation, it is
recommended that VIN and VOUT be constrained
within the range:
VSS ≤ VIN and VOUT ≤ VDD
To enhance reliability of operation, it is recom-
mended to configure unused I/Os as inputs and to
connect them to an appropriate logic voltage level
such as VSS or VDD.
All the voltage in the following tables are refer-
enced to VSS.
Stresses above those listed as “Absolute Maxi-
mum Ratings” may cause permanent damage to
the device. Functional operation of the device at
these conditions is not implied. Exposure to maxi-
mum rating conditions for extended periods may
affect device reliability.
Absolute Maximum Ratings (Voltage Referenced to VSS)
Symbol
Ratings
Value
Unit
V
DD/VDDA/VDDP
Supply Voltage
0.3 to +6
V
|V
DDA - VDD|
Supply Voltage
< 50
mV
VIN
Input Voltage
VSS - 0.3 to VDD + 0.3
V
IVDD -IVSS
Total current into V
DD/VSS pins
50/20
mA
I
Current Drain per Pin Excluding
VDD and VSS
20
mA
TA
Maximum Operating Temperature
Range
TL to TH
-40to +85
°C
T
STG
Storage Temperature Range
-65 to +150
°C
V
HV
High voltage on pins PH3, PH4,
PH5
10
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com