Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 97 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 97 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 93Page - STMicroelectronics ST7285C Datasheet HTML 94Page - STMicroelectronics ST7285C Datasheet HTML 95Page - STMicroelectronics ST7285C Datasheet HTML 96Page - STMicroelectronics ST7285C Datasheet HTML 97Page - STMicroelectronics ST7285C Datasheet HTML 98Page - STMicroelectronics ST7285C Datasheet HTML 99Page - STMicroelectronics ST7285C Datasheet HTML 100Page - STMicroelectronics ST7285C Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 117 page
background image
November 1997
97/117
R
Rev. 1.0
ST72E85
ST72T85
8-BIT MCU FOR RDS WITH 48 K EPROM/OTP, 3K RAM,
ADC, TWO TIMERS, SPI, I
2C AND SCI INTERFACES
s
4.5V to 5.5V Supply Operating Range
s
Operation at 8.664MHz Oscillator Frequency
for RDS compatibility
s
Fully Static operation
s
-40
°Cto + 85°C Maximum Operating
Temperature Range
s
Run, Wait, Slow, Halt, and RAM Retention
modes
s
User EPROM/OTP: 48 Kbytes
s
Data RAM: 3 Kbytes, including 128 byte stack
s
80 pin plastic package
s
62 multifunctional bidirectional I/O lines:
– Programmable Interrupt inputs on some I/Os
– 8 Analog inputs
– EMI Filtering
s
Two 16-bit Timers, each featuring:
– 2 Input Captures
– 2 Output Compares
– External Clock input (on Timer A)
– PWM and Pulse Generator modes
s
RDS Radio Data System Filter, Demodulator
and GBS circuits
s
8-bit Analog-to-Digital converter with 8 channel
analog multiplexer
s
Digital Watchdog
s
Dual SPI Serial Peripheral Interface
s
SCI Serial Communications Interface
s
Full I2C multiple Master/ Slave interface
s
2KHz Beep signal generator
s
Master Reset and Power-On Reset
s
8-bit Data Manipulation
s
63 Basic Instructions
s
17 main Addressing Modes
s
8 x 8 Unsigned Multiply Instruction
s
True Bit Manipulation
s
Complete Development Support on PC/DOS/
WindowsTM Real-Time Emulator
s
Full Software Package (C-Compiler, Cross-
Assembler, Debugger)
CQFP80-W
PQFP80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com