Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 97Page - STMicroelectronics ST7285C Datasheet HTML 98Page - STMicroelectronics ST7285C Datasheet HTML 99Page - STMicroelectronics ST7285C Datasheet HTML 100Page - STMicroelectronics ST7285C Datasheet HTML 101Page - STMicroelectronics ST7285C Datasheet HTML 102Page - STMicroelectronics ST7285C Datasheet HTML 103Page - STMicroelectronics ST7285C Datasheet HTML 104Page - STMicroelectronics ST7285C Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 117 page
background image
101/117
ST72E85 ST72T85
25
PE0
I/O Port PE0
-
Software selectable as triggered input or push
pull output.
26
PE1
I/O Port PE1
-
27
PE2
I/O Port PE2
-
28
PE3
I/O Port PE3
-
29
PE4
I/O Port PE4
-
30
PE5
I/O Port PE5
-
31
PE6
I/O Port PE6
-
32
PE7
I/O Port PE7
-
33
PF0
I/O Port PF0
-
Software selectable as triggered input, a push
pull output, open drain output, or triggered inter-
rupt input with pull up (Interrupt I2).
34
PF1
I/O Port PF1
-
35
PF2
I/O Port PF2
-
36
PF3
I/O Port PF3
-
37
PF4
I/O Port PF4
-
Software selectable as a triggered input or as a
push pull output.
38
PF5
I/O Port PF5
-
39
PF6
I/O Port PF6
-
40
PF7
I/O Port PF7
-
41
VSSP
Ground for Output
Buffers.
-
This pin is connected to pin 1.
42
VDDP
Power Supply for
Output Buffers
-
This pin is connected to pin 2.
43
AINT
Reserved
-
Must be tied to 5V
44
ARS
Reserved
-
Must be tied to 5V
45
PG0
I/O Port PG0
-
Software selectable as triggered input or push
pull output.
46
PG1
I/O Port PG1
-
47
PG2
I/O Port PG2
-
48
PG3
I/O Port PG3
-
Software selectable as triggered input, a push
pull output, open drain output, or triggered inter-
rupt input with pull up (Interrupt I1).
49
PG4
I/O Port PG4
-
Software selectable as triggered input or push
pull output. Note that PH0, 1, 2 offer alternate
function capabilities for test purposes.
50
PG5
I/O Port PG5
-
51
PG6
I/O Port PG6
-
52
PG7
I/O Port PG7
-
53
PH0/
RDSQUAL
I/O Port PH0
RDS Quality signal
54
PH1/
RDSCLK-
OUT
I/O Port PH1
RDS GBS Clock Out
signal
55
PH2/
RDSDATA
I/O Port PH2
RDS GBS Data sig-
nal
56
PH3
I/O Port PH3
-
Software selectable as triggered input or high
voltage (10V max) open drain output.
57
PH4
I/O Port PH4
-
58
PH5
I/O Port PH5
-
59
RDSCOMP
RDS Comp Input sig-
nal
Used to feed the Demodulator from an external
filter when the internal filter is switched off.
60
RDSFIL
RDS Filtered Output
signal
Used for Demodulator test purposes.
61
RDSREF
RDS Input Reference
62
MPX
RDS input signal
63
VDDA
Analog Power Supply
For RDS and ADC circuits
64
VSSA
Analog Ground
Pin
Pin Name(s)
Basic Fun ction
Alternate Functi on
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com