Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 99Page - STMicroelectronics ST7285C Datasheet HTML 100Page - STMicroelectronics ST7285C Datasheet HTML 101Page - STMicroelectronics ST7285C Datasheet HTML 102Page - STMicroelectronics ST7285C Datasheet HTML 103Page - STMicroelectronics ST7285C Datasheet HTML 104Page - STMicroelectronics ST7285C Datasheet HTML 105Page - STMicroelectronics ST7285C Datasheet HTML 106Page - STMicroelectronics ST7285C Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 117 page
background image
103/117
ST72E85 ST72T85
1.3 MEMORY MAP
Table 1. Memory Map
Address
Block
Register name
Reset
Status
Remarks
0000h
0001h
0002h
0003h
Port A
Data Reg
Data Direction Reg
Not Used
Not Used
00h
00h
R/W Register
R/W Register
Absent
Absent
0004h
0005h
0006h
0007h
Port B
Data Reg
Data Direction Reg
Not Used
Not Used
00h
00h
R/W Register
R/W Register
Absent
Absent
0008h
0009h
000Ah
000Bh
Port C
Data Reg
Data Direction Reg
Option Reg
Not Used
00h
00h
--00----b
R/W Register
R/W Register
R/W Register
Absent
000Ch
000Dh
000Eh
000Fh
Port D
Data Reg
Data Direction Reg
Option Reg
Not Used
00h
00h
--00----b
R/W Register
R/W Register
R/W Register
Absent
0010h
0011h
0012h
0013h
Port E
Data Reg
Data Direction Reg
Not Used
Not Used
00h
00h
R/W Register
R/W Register
Absent
Absent
0014h
0015h
0016h
0017h
Port F
Data Reg
Data Direction Reg
Option Reg
Not Used
00h
00h
----0000b
R/W Register
R/W Register
R/W Register
Absent
0018h
0019h
001Ah
001Bh
Port G
Data Reg
Data Direction Reg
Option Reg
Not Used
00h
00h
----0---b
R/W Register
R/W Register
R/W Register
Absent
001Ch
001Dh
001Eh
001Fh
Port H
Data Reg
Data Direction Reg
Not Used
Not Used
00h
00h
R/W Register
R/W Register
Absent
Absent
0020h
Miscellaneous Register
00h
see register description
0021h
0022h
0023h
SPI A
Data I/O Reg
Control Reg
Status Reg
XXh
0xh
00h
R/W Register
R/W Register
Read Only Register
0024h
WDG
Watchdog register
7Fh
see register description
0025h
0026h
0027h
SPI B
Data I/O Reg
Control Reg
Status Reg
XXh
0xh
00h
R/W Register
R/W Register
Read Only Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com