Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 99 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 99 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 95Page - STMicroelectronics ST7285C Datasheet HTML 96Page - STMicroelectronics ST7285C Datasheet HTML 97Page - STMicroelectronics ST7285C Datasheet HTML 98Page - STMicroelectronics ST7285C Datasheet HTML 99Page - STMicroelectronics ST7285C Datasheet HTML 100Page - STMicroelectronics ST7285C Datasheet HTML 101Page - STMicroelectronics ST7285C Datasheet HTML 102Page - STMicroelectronics ST7285C Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 117 page
background image
99/117
ST72E85 ST72T85
1.2 PIN DESCRIPTION
All I/Os from Port A to Port D, as well as PH0, 1
and 2, feature alternate function compatibility.
Software selectable input pull-ups are available on
ports featuring interrupt capability (PC4, PC5,
PD4, PD5, PF0-PF3, PG3).
VSSA
VDDA
MPX
RDSREF
RDSFIL
RDSCOMP
PH5
PH4
PH3
PH2/RDSDATA
PH1/RDSCLKOUT
PH0/RDSQUAL
PG7
PG6
PG5
PG4
PG3
PG2
PG1
PG0
ARS
AINT
VDDP
VSSP
VSSP
VDDP
OSCOUT
OSCIN
PC0/MISO_B
PC1/MOSI_B
PC2/SCK_B
PC3/SS_B
PC4/OC2_B
PC5/OC1_B
PC6/IC2_B
PC7/IC1_B
PD0/MISO_A
PD1/MOSI_A
PD2/SCK_A
PD3/SS_A
PD4
PD5
PD6/SCL
PD7/SDA
RESET
VPP*/TEST
VDD
VSS
1
2
3
4
5
6
7
8
9 (I10)
10 (I10)
11
12
13
14
15
16
17 (I9)
18 (I9)
19
20
21
22
23
24
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
(I1) 48
47
46
45
44
43
42
41
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65
25 26 27 28 29 30 31 32
37 38 39 40
33 34 35 36
*) On EPROM/O TP versions only
(I2)(I2)(I2)(I2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com