Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 31 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 27Page - STMicroelectronics ST7285C Datasheet HTML 28Page - STMicroelectronics ST7285C Datasheet HTML 29Page - STMicroelectronics ST7285C Datasheet HTML 30Page - STMicroelectronics ST7285C Datasheet HTML 31Page - STMicroelectronics ST7285C Datasheet HTML 32Page - STMicroelectronics ST7285C Datasheet HTML 33Page - STMicroelectronics ST7285C Datasheet HTML 34Page - STMicroelectronics ST7285C Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 117 page
background image
31/117
ST7285C
SERIAL COMMUNICATIONS INTERFACE(Cont’d)
The TC bit is automatically set to “1” when trans-
mission of a frame containing Data, a Preamble or
a Break is complete, if:
– TE = ”1”, TDRE = ”1”, no word is currently being
transmitted and no preamble or BREAK is await-
ing transmission.
– TE = ”0” and the current word or preamble or
BREAK has been transmitted
The TC bit is a flag indicating that one of the above
sequences has occurred. This bit is reset to “0” by
an access to the SCSR followed by a write opera-
tion into the data register or when TDRE is reset to
“0”. Transmitter operation is in no way modified by
the status of this bit.
Bit-5 = RDRF Received Data Ready Flag
This bit, when set to “1”, indicates that the content
of the RDR has been transferred into the SCDR. If
a Frame Error or Noise has been detected during
reception, the corresponding flags will be set.
The RDRF bit is reset to “0” by an access to the
SCSR followed by a data register read operation.
Bit-4 = IDLE Idle Line Detect
When the idle line detect bit is set it indicates that
the receiver idle line is detected (receipt of a mini-
mum number of ones (10 when M=0, 11 when
M=1) to constitute the number of bits in the frame
format. This allows a receiver that is not in the
wake-up mode to detect the end of a message or
the preamble of a new message or to re-synchro-
nize with the transmitter. The IDLE bit is cleared by
accessing the SCSR (with idle set) followed by a
read of the data register. The IDLE bit will not be
set again until the RDRF bit has been set itself (i.e.
a new idle line occurs). The IDLE bit is not set by
an idle line when the receiver wakes up from wake
up mode.
Bit-3 = OR Overrun Error
This bit is set to “1”, when the word currently being
received in the shift register is ready to be trans-
ferred into the data register while the latter is al-
ready full (RDRF=”1”). All transfers will remain dis-
abled as long as RDRF remains at “1”. Data regis-
ter content will not be lost but the shift register will
be overwritten. The OR bit is reset by an access to
the SCSR followed by a data register read opera-
tion.
Bit-2 = NF
Noise Flag
This bit is set to “1” when noise is detected on an
acknowledge START bit or a data bit or a stop bit.
The NF is set to “1” when the noise is detected at
the rising edge of RDRF and is representative of
the word present in the data register. This bit does
not generate interrupts as it appears at the same
time as RDRF which itself generates an interrupt.
The NF bit is set to “0” by a SCSR read operation
followed by a data register read operation.
Bit-1 = FE
Framing Error
This bit is set to “1” when the STOP bit is not rec-
ognized on reception at the expected moment, fol-
lowing either a de-synchronization, excessive
noise or when a BREAk is received. The word will,
however still be transferred to the data register. As
in the case of the NF bit, the FEW bit does not gen-
erate an interrupt as it appears at the same time as
RDRF bit. If the word currently being transferred
causes both frame error and reception overspeed,
it will be transferred and only the OR bit will be set
to “1”. The FE bit is reset to “0” by a SCSR read
operation followed by a data register read opera-
tion.
Bit-0 =
Unused
4.2.7.5 Baud Rate Register (SCBRR)
Address: 0052h
—
Read/Write
Reset Value: 00X----Xb
Contains two bits for selection of the first prescaler
factor, three bits for selection of the transmitter
rate divisor and three bits for the receiver rate divi-
sor.
Bit-7 = SCP1
First prescaler MSB
Bit-6 = SCP0
First prescaler LSB
These 2 prescaling bits allow several standard
clock division ranges:
Bit-5 = SCT2
Transmitter rate divisor MSB
Bit-4 = SCT1
Transmitter rate divisor NSB
Bit-3 = SCT0
Transmitter rate divisor LSB
These 3 bits, in conjunction with the 2 previous bits
define the total division applied to the bus clock to
yield the transmit rate clock in conventional Baud
Rate Generator mode.
76
5
4321
0
SCP1
SCP0
SCT2
SCT1
SCT0
SCR2
SCR1
SCR0
SCP1
SCP0
PR Prescaling factor
00
1
01
3
10
4
11
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com