Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 63Page - STMicroelectronics ST7285C Datasheet HTML 64Page - STMicroelectronics ST7285C Datasheet HTML 65Page - STMicroelectronics ST7285C Datasheet HTML 66Page - STMicroelectronics ST7285C Datasheet HTML 67Page - STMicroelectronics ST7285C Datasheet HTML 68Page - STMicroelectronics ST7285C Datasheet HTML 69Page - STMicroelectronics ST7285C Datasheet HTML 70Page - STMicroelectronics ST7285C Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 117 page
background image
67/117
ST7285C
RDS FILTER (Cont’d)
4.7.2 Functional Description
The RDS filter is of classical Switched Capacitor
type, comprising: an anti-aliasing filter, the SC-fil-
ter proper and a smoothing filter connected in cas-
cade. The block diagram is given inFigure 33.
The Filter peripheral is composed of the following
functional blocks:
– Prefilter. The anti-aliasing filter consists of a 2
nd
order Sallen-Key filter. The phase response in
the passband is linear. The cut-off frequency is
located at about 360KHz. The prefilter includes
an operational amplifier with a gain of 80 dB.
– SC Filter. The SC filter is a 8
th order bandpass
filter. It comprises 4 cascaded biquads. The bi-
quads all have the same scheme and differ only
in their capacitor values. The switches are con-
trolled by a clock generator which produces non-
overlapping clock phases.
– Buffer. The output of the SC-Filter cannot be
connected to resistive loads, since this would se-
verely reduce its gain. A buffer is therefore con-
nected between the SC filter and the smoothing
filter.
– Smoothing filter. The smoothing filter connect-
ed to the Sc-filter (through the Buffer) is a simple
RC low pass filter. The output is connected to
RDSFIL pin (external connection) and to the
Comparator.
– Comparator. The comparator is connected to
the smoothing filter and is able to detect zero-
crossing in less than 125ns. The digital output of
the comparator is connected via a port to the
RDS demodulator.
– D/A Converter. A maximum offset of 1mV is al-
lowed on the comparator’s inputs. The offset
compensation is achieved as follows:
in a software selectable test mode, the input of
the filter is switched to RDSREF (=2.5V). The D/
A converter register (RDSFi1) is set to zero and
then incremented by software until the compara-
tor changes its sign.
– Test Mode Selector. This function is controlled
via 4 bits in the filter control register (RDS Fi2). It
selects the various test modes. (see next point).
– ST7 interface registers. These are described
below.
RDS Fi1
Address 005Ah:
—
Read/Write Register
b7 = reserved.
b6 = COMP
Comparator output (read only).
b5-0 = AD5-AD0
Offset
correction
value
output
by
D/A
(1LSB=2mV).
RDS Fi2
Address 005Bh
—
Read/Write Register
b7-5 = reserved.
b4 = PDB
Power down bit (1 = Run; 0 = Power-down)
b3-0 = TM3-TM0
Mode select. Only Modes shown in the table below
are valid; other modes are reserved.
When the internal filter is switched off, the RDS-
COMP pin can be used as an input and to feed the
demodulator from an external filter.
7
6
54
32
10
-
COMP
AD5
AD4
AD3
AD2
AD1
AD0
7
6
5
4321
0
-
-
-
PDB
TM3
TM2
TM1
TM0
TM3
TM2
TM1
TM0
Mode
0000
filter off (reset state)
0011
normal operating mode
1101
offset compensation
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com