Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 43Page - STMicroelectronics ST7285C Datasheet HTML 44Page - STMicroelectronics ST7285C Datasheet HTML 45Page - STMicroelectronics ST7285C Datasheet HTML 46Page - STMicroelectronics ST7285C Datasheet HTML 47Page - STMicroelectronics ST7285C Datasheet HTML 48Page - STMicroelectronics ST7285C Datasheet HTML 49Page - STMicroelectronics ST7285C Datasheet HTML 50Page - STMicroelectronics ST7285C Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 117 page
background image
47/117
ST7285C
SERIAL PERIPHERAL INTERFACE(Cont’d)
4.4.4 Signal Description
The four basic signals (MOSI, MISO, SCK andSS)
are described in the following paragraphs. Each
signal function is described for both the Master
and Slave mode.
The SPE (Serial Peripheral Enable) bit of the SPI
Control Register enables and disables the SPI (ac-
tive high); when the SPI is enabled the associated
alternate functions will be attributed to the relevant
I/O pins.
The SPI baud rate is the CPU clock divided by a
factor defined by software (2, 4, 16, 32).
4.4.5 Master Out Slave In (MOSI)
The MOSI pin is configured as a data output in the
Master (mode) device and as a data input in the
Slave (mode) device.
In this manner data is transferred serially from a
Master to a Slave on this line, most significant bit
first, least significant bit last. The timing diagrams
shown in the ELECTRICAL CHARACTERISTICS
section, CONTROL TIMING subsection, illustrate
SPI timing and show the relationship between data
and clock (SCK).
Four possible timing relationships may be chosen
by using control bits CPOL and CPHA. The Master
device always allows data to be applied on the
MOSI line a half-cycle before the clock edge
(SCK) to allow the Slave device to latch the data.
Both the Slave device(s) and a Master device
must be programmed to similar modes for proper
data transfer.
When the Master device transmits data to a sec-
ond (Slave) device via the MOSI line, the Slave
device responds by sending data to the Master de-
vice via the MISO line. This implies full duplex
transmission with both data out and data in syn-
chronized with the same clock signal (which is pro-
vided by the Master device). Thus, the byte trans-
mitted is replaced by the byte received and elimi-
nates the need for separate transmit-empty and
receiver-full status bits. A single status bit SPIF) is
used to signify that the I/O operation is complete.
Configuration of the MOSI pin is a function of the
MSTR bit in the Serial Peripheral Control Register
(SPCR). When operating as a Master, the user
should set the MSTR bit, defining the MOSI pin as
an output
4.4.6 Master In Slave Out (MISO)
The MISO pin is configured as an input in a Master
(mode) device and as an output in a Slave (mode)
device. In this manner data is transferred serially
from a Slave to a Master on this line, most signifi-
cant bit first, least significant bit last. The MISO pin
of a Slave device is placed in the high-impedance
state if it is not selected by the Master, i.e. itsSS
pin is at a logic high level. The timing diagram
shows the relationship between data and clock
(SCK). Four possible timing relationships may be
chosen by using control bits CPOL and CPHA. The
Master device always allows data to be applied on
the MOSI line a half-cycle before the clock edge
(SCK) in order for the Slave device to latch the da-
ta.
Note. The Slave device and a Master device must
be programmed with similar timing modes for
proper data transfer.
When the Master device transmits data to a Slave
device via the MOSI line, the Slave device re-
sponds by sending data to Master device via the
MISO line. This implies full duplex transmission
with both data out and data in synchronized with
the same clock signal (one which is provided by
the Master device.) Thus, the byte transmitted is
replaced by the byte received and eliminates the
need for separate transmit-empty and receiver-full
bits. A single status bit (SPIF) in the Serial Periph-
eral Status Register (SPSR) is used to signify that
the I/O operation is complete.
In the Master device, the MSTR control bit in the
Serial Peripheral Control Register (SPCR) should
be set (by the program) to allow the Master device
to receive data on its MISO pin. In the Slave de-
vice, its MISO pin is enabled by the logic high level
present on the SS pin: i.e. if SS = 1 the MISO pin is
placed in the high-impedance state, whereas ifSS
= 0 the MISO pin is an output for the Slave device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com