Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 16Page - STMicroelectronics ST7285C Datasheet HTML 17Page - STMicroelectronics ST7285C Datasheet HTML 18Page - STMicroelectronics ST7285C Datasheet HTML 19Page - STMicroelectronics ST7285C Datasheet HTML 20Page - STMicroelectronics ST7285C Datasheet HTML 21Page - STMicroelectronics ST7285C Datasheet HTML 22Page - STMicroelectronics ST7285C Datasheet HTML 23Page - STMicroelectronics ST7285C Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 117 page
background image
20/117
ST7285C
3.5 INTERRUPTS
A list of interrupt sources is given inTable 5 below,
together with relevant details for each source. In-
terrupts are serviced according to their order of pri-
ority, starting with I0, which has the highest priori-
ty, and so to I11, which has the lowest priority.
The following list describes the origins for each in-
terrupt level:
– I0 connected to Software Interrupt (TRAP)
– I1 connected to Port G3
– I2 connected to Port F0, F1, F2, F3
– I3 connected to SPI A
– I4 connected to Timer A
– I5 connected to GBS interrupt
– I6 connected to Timer B
– I7 connected to SPI B
– I8 connected to SCI
– I9 connected to Ports D4, D5
– I10 connected to Ports C4, C5
– I11 connected to I
2C
Exit from HALT mode may only be triggered by an
External Interrupt on one of the following ports:
C4(I10), C5(I10), D4(I9), D5(I9), F0(I2), F1(I2),
F2(I2), F3(I2) and G3(I1).
If more than one input pin of a group connected to
the same interrupt line is selected simultaneously,
these will be logically ORed.
Table 5. Interrupt Mapping
Interrupt
source
Vector
Address
Interrupts
Register
Flag
name
CPU
interrupts
-
FFFEh-FF FFh
Reset
N/A
N/A
RESET
I0
FFFCh-FFFDh
Software
N/A
N/A
TRAP
I1
FFFA h-FFFBh
Ext. Interrupt (Port G3)
N/A
N/A
INT1
I2
FFF8h-FFF 9h
Ex. Interrupt (Ports F0, F1, F2, F3)
N/A
N/A
INT2
I3
FFF6h-FFF 7h
Transfer Complete
SPI A Status
SPIF1_A
SPI_A
“
“
Mode Fault
“
MODF1_A
“
I4
FFF4h-FFF 5h
Input Capture 1
Timer A Status
ICF1_A
TIMER_A
“
“
Output Compare 1
“
OCF1_A
“
“
“
Input Capture 2
“
ICF2_A
“
“
“
Output Compare 2
“
OCF2_A
“
“
“
Timer Overflow
“
TOF_A
“
I5
FFF2h-FFF 3h
RDS Block Interrupt.
RDS GRP
VSI
CNI
GBS
I6
FFF0h-FFF 1h
Input Capture 1
Timer B Status
ICF1_B
TIMER_B
“
“
Output Compare 1
“
OCF1_B
“
“
“
Input Capture 2
“
ICF2_B
“
“
“
Output Compare 2
“
OCF2_B
“
“
“
Timer Overflow
“
TOF_B
“
I7
FFEEh-FFEFh
Transfer Complete
SPI B Status
SPIF2_B
SPI_B
“
“
Mode Fault
“
MODF1_B
“
I8
FFECh-FFEDh
Transmit Buffer Empty
SCI Status
TDRE
SCI
“
“
Transmit Complete
“
TC
“
“
“
Receive Buffer Full
“
RDRF
“
“
“
Idle Line Detect
“
IDLE
“
“
“
Overrun
“
OR
“
I9
FFEAh-FFE Bh
Ext. Interrupt (Ports D4,D5)
N/A
N/A
INT9
I10
FFE8h-FFE9h
Ext. Interrupt (Port C4, C5)
N/A
N/A
INT10
I11
FFE6h-FFE7h
Byte Transmission Finished
I2C Status
BTF
I2C
“
“
Bus Error
“
BERR
I2C
“
“
Stop Detection
“
SSTOP
I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com