Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 53Page - STMicroelectronics ST7285C Datasheet HTML 54Page - STMicroelectronics ST7285C Datasheet HTML 55Page - STMicroelectronics ST7285C Datasheet HTML 56Page - STMicroelectronics ST7285C Datasheet HTML 57Page - STMicroelectronics ST7285C Datasheet HTML 58Page - STMicroelectronics ST7285C Datasheet HTML 59Page - STMicroelectronics ST7285C Datasheet HTML 60Page - STMicroelectronics ST7285C Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 117 page
background image
57/117
ST7285C
I
2C BUS INTERFACE (Cont’d)
4.5.5 Register Description
CLOCK CONTROL REGISTER (CCR)
Address: 002Bh
—
Read / Write
Reset Value: 00h
b7: FM/SM Fast / Standard I
2Cmode
When the bit is set to 1 the interface operates in
the fast I2C bus mode.
When the bit is set to 0 the interface operates in
the standard I
2C bus mode.
b6-0: D6-D0
7 bit divider programming
Implementation of a programmable clock divider
In Standard I2C mode:
Fscl = PHI1/(2x([D6..D0]+2)); in this case, Fscl
varies between 15.75KHz and 100 KHz (if
PHI1=4MHz).
In Fast I
2C mode:
Fscl = PHI1/(3x([D6..D0]+2)); in this case, Fscl
varies
between
10.5
KHz
and
333KHz
(if
PHI1=4MHz).
Table 8. Example of SCL frequency with PHI1 = 4 MHz in Standard I2C mode
70
FM/SM
CC6
CC5
CC4
CC3
CC2
CC1
CC0
FM/SM
D6
D5
D4
D3
D2
D1
D0
Fscl(Khz)
0
0
01
0010
100
0
0
01
1011
70
0
0
10
0110
50
0
1
00
1110
25
0
1
11
1111
15.75
1
0
00
0010
333
1
0
00
0101
190
1
0
00
0110
167
1
0
00
1101
89
1
0
01
1011
43
1
1
11
1111
10.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com