Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 72 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 68Page - STMicroelectronics ST7285C Datasheet HTML 69Page - STMicroelectronics ST7285C Datasheet HTML 70Page - STMicroelectronics ST7285C Datasheet HTML 71Page - STMicroelectronics ST7285C Datasheet HTML 72Page - STMicroelectronics ST7285C Datasheet HTML 73Page - STMicroelectronics ST7285C Datasheet HTML 74Page - STMicroelectronics ST7285C Datasheet HTML 75Page - STMicroelectronics ST7285C Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 117 page
background image
72/117
ST7285C
4.9 RDS G.B.S
4.9.1 Introduction
The main task of the GBS module is to acquire
Group and Block Synchronization of a received
RDS data steam, which is provided in a modified
shortened cyclic code.
In order to achieve synchronization, a syndrome is
calculated on every data clock pulse. Detection of
a valid syndrome is indicated by flag VSI with as-
sociated interrupt, while the corresponding block is
kept in BL(0:2). Starting in BIT_SYNC mode the
SW can use CNA zero count interrupt (CNA=1)
and VSI check for synchronization phase. If the
synchronization criteria is fulfilled, the SW can
switch to BLK_SYNC mode, setting counter CNA
to 26 and CNB to the current block code. The SW
maintains block synchronization easily by check-
ing VSI and ORD, which indicates a correct block
order.
An optional GRP_SYNC mode can be entered for
RDS standby operation using the appropriate
counter interrupt selection.
The combination of software triggered syndrome
calculation, a second 26-bit shift register and a 26-
bit quality register, allow highly flexible error cor-
rection by software.
Single quality errors, representing a 1 or 2 bit
RDSDAT error, are indicated by the SQE flag.
They can be corrected by SW with high security.
4.9.2 Features
– Hardware implemented decoding of RDS data
stream.
– Hardware triggered syndrome calculation with
every rising edge of RDSCLK.
– Storage of 26 RDS bits (1 block).
– Fast syndrome calculation
(within 2.4
µsat f
OSC=8.664MHz).
– 5-bits RDS-counter CNA and 2-bit RDS-block
counter CNB.
– Selectable counter interrupt for BIT/BLOCK/
GROUP-SYNC mode.
– “Valid Syndrome” detection unit with interrupt
and block code output.
– Selectable MMBS Radio Paging option for block
E syndrome detection.
– “Valid Block Order” flag.
– Extended “error correction by software” support.
– Software triggered syndrome calculation.
– Parallel storage of 26 RDSDAT bits and 26
QUALITY bits for high flexibility.
– Single/Multiple quality-error flags.
Figure 34. Principles of Baseband Coding
BLOCK1
BLOCK2
BLOCK3
BLOCK4
GROUP = 4 BLOCKS = 104 BITS
m15 m14 m13 m12 m11 m10 m9 m8 m7 m6 m5 m4 m3 m2 m1 m0
c9
’
c8
’
c7
’
c6
’
c5
’
c4
’
c3
’
c2
’
c1
’
c0
’
BLOCK = 26BITS
INFORMATION WORD = 16-BITS
CHECK WORD = 10-BITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com