Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7285C Datasheet(PDF) 98 Page - STMicroelectronics

Part # ST7285C
Description  8-BIT MCU FOR RDS WITH 48K ROM, 3K RAM, ADC, TWO TIMERS, TWO SPIs, I2C AND SCI INTERFACES
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7285C Datasheet(HTML) 98 Page - STMicroelectronics

Back Button ST7285C Datasheet HTML 94Page - STMicroelectronics ST7285C Datasheet HTML 95Page - STMicroelectronics ST7285C Datasheet HTML 96Page - STMicroelectronics ST7285C Datasheet HTML 97Page - STMicroelectronics ST7285C Datasheet HTML 98Page - STMicroelectronics ST7285C Datasheet HTML 99Page - STMicroelectronics ST7285C Datasheet HTML 100Page - STMicroelectronics ST7285C Datasheet HTML 101Page - STMicroelectronics ST7285C Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 117 page
background image
98/117
ST72E85 ST72T85
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST72E85 is the EPROM version of the
ST7285C. Please refer to the ST7285C ROM de-
vice Datasheet for further details.
From the User’s point of view, both theST72E85
and the ST7285C possess the same software and
hardware features.
An additional mode is available to allow program-
ming of the EPROM user memory array. This is
set by a specific voltage source applied to the V
PP/
Test pin.
The ST72E85 (EPROM) features a 48K EPROM
memory.
Watchdog activation is available by Software for
Eprom and OTP devices.
Figure 1. ST72E85 Block Diagram
*Note: EPROM and OTP versions only.
Power on Reset
PA0 - PA7
Pin 65..72
PB0 - PB7
Pin 73..80
OSCin
OSCout
RESET
V
PP / TEST
OSC
8 -BIT CORE
ALU
VR01735P
Internal
CLOCK
Timer A
PORT A
PORT B
A/D Converter
8
4
SPI B
PORT C
PC0 - PC7
Pin 5..12
SPI A
PORT D
I2C
SCI
8
RAM
3k
RDS
FILTER,DEMOD,GBS
8
8
8
Timer B
4
4
2
PD0 - PD7
Pin 13..20
2
PORT E
PE0 - PE7
Pin 25..32
8
PORT F
PF0 - PF7
Pin 33..40
8
PORT H
PORT G
PH0 - PH5
Pin 53..58
6
PG0 - PG7
Pin 45..52
8
ROM or EPROM*
48k
Watchdog
RDScomp
MPX
RDS fil
RDS ref
ARS
AINT
V
DD
V
SS
V
DDP
V
SSP
V
DDA
V
SSA
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com